Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-4100-SP000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-4100-SP000
Description  T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4100-SP000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-4100-SP000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4100-SP000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4100-SP000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4100-SP000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4100-SP000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4100-SP000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 7. Relative luminous intensity vs. angular displacement.
Note:
All categories are established for classification of products. Products may not be available in all
categories. Please contact your local Agilent representative for further clarification/information.
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
Red
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
Tolerance for each bin limit is
± 18%.
10
100
40
70
20
60
80
30
50
90
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.135
θ – ANGLE FROM OPTICAL CENTERLINE – DEGREES
(CONE HALF ANGLE)
NORMALIZED INTENSITY
0


Similar Part No. - HLMP-4100-SP000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
More results

Similar Description - HLMP-4100-SP000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com