Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTC-101-S-SC-LV Datasheet(PDF) 4 Page - Moxa Inc.

Part No. PTC-101-S-SC-LV
Description  IEC 61850-3 Ethernet-to-fiber media converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PTC-101-S-SC-LV Datasheet(HTML) 4 Page - Moxa Inc.

  PTC-101-S-SC-LV Datasheet HTML 1Page - Moxa Inc. PTC-101-S-SC-LV Datasheet HTML 2Page - Moxa Inc. PTC-101-S-SC-LV Datasheet HTML 3Page - Moxa Inc. PTC-101-S-SC-LV Datasheet HTML 4Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.moxa.com
4
Ordering Information
Model Name
Fiber Module Type
Input Voltage
PTC-101-M-SC-LV
Multi-mode SC
20-72 VDC
PTC-101-M-ST-LV
Multi-mode ST
20-72 VDC
PTC-101-M-LC-LV
Multi-mode LC
20-72 VDC
PTC-101-S-SC-LV
Single-mode SC
20-72 VDC
PTC-101-S-ST-LV
Single-mode ST
20-72 VDC
PTC-101-S-LC-LV
Single-mode LC
20-72 VDC
PTC-101-M-SC-HV
Multi-mode SC
85-264 VAC
88-300 VDC
PTC-101-M-ST-HV
Multi-mode ST
85-264 VAC
88-300 VDC
PTC-101-M-LC-HV
Multi-mode LC
85-264 VAC
88-300 VDC
PTC-101-S-SC-HV
Single-mode SC
85-264 VAC
88-300 VDC
PTC-101-S-ST-HV
Single-mode ST
85-264 VAC
88-300 VDC
PTC-101-S-LC-HV
Single-mode LC
85-264 VAC
88-300 VDC
Accessories (sold separately)
DIN-Rail Mounting Kits
DK-DC50131-01
DIN-rail mounting kit, 6 screws
Wall-Mounting Kits
WK-51
Wall-mounting kit
WK-51-01
Wall mounting kit with 2 plates (51.6 x 67 x 2 mm) and 6 screws
Wireless AP Mounting Kits
DK-DC50131
DIN-rail mounting kit
© Moxa Inc. All rights reserved. Updated Apr 14, 2020.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn