Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES01A Datasheet(PDF) 1 Page - Sanken electric

Part # ES01A
Description  Fast-Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

ES01A Datasheet(HTML) 1 Page - Sanken electric

  ES01A Datasheet HTML 1Page - Sanken electric ES01A Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21
S type
R type
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
–0.1
+0.2
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
S type
FMUP-2056 R type
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
1.2±0.05
5.2±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
Fast-Recovery Rectifier Diodes 600V
t rr
: IF/IR (=IF)
90% Recovery Point
(ex. IF/IR =100mA/100mA 90% Recovery Point)
t rr
: IF/IR (=2 IF) 75% Recovery Point
(ex. IF/IR =100mA/200mA 75% Recovery Point)
1
2
Package
Part Number
VRM
(V)
IF (AV)
(A)
( ) is with
Heatsink
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IF/IFP
(mA)
IR
(
µA)
IR (H)
(
µA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
IF/IFP
(mA)
Axial
Frame-2Pin
Center-tap
600
0.25
0.25
0.25
0.5
0.6
0.6
0.6
0.6
0.7
0.7
0.7
0.8
1.0
1.0
1.0
1.1
1.5
1.5
1.5
2.0
3.0
1.5 (3.0)
2.0 (3.5)
5.0
10
5.0
5.0
10
20
EU01A
EU 1A
RU 1A
AU01A
AS01A
EH 1A
RF 1A
RH 1A
ES 1A
ES01A
RS 1A
AU02A
EU02A
EU 2A
RU 2
RU 2AM
RU 20A
RU 3A
RU 3AM
RU 30A
RU 31A
RU 4A
RU 4AM
FMUP-1056
FMUP-1106
FMU-16S, R
FMUP-2056
FMU-26S, R
FMU-36S, R
0.25
0.25
0.25
0.5
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.1
1.5
1.5
1.5
2.0
3.0
3.0
3.5
5.0
10
2.5
2.5
5.0
10
10
10
10
10
10
10
10
5
10
10
10
10
10
10
10
10
10
10
10
10
50
10
10
50
50
50
50
50
50
20
17
15
22
22
17
15
15
20
20
20
22
20
17
15
15
15
12
12
10
10
8
8
4.0
4.0
4.0
4.0
4.0
2.0
55
56
58
55
56
57
56
55
57
55
56
58
59
60
61
61
62
0.2
0.3
0.4
0.13
0.13
0.3
0.4
0.4
0.2
0.2
0.4
0.13
0.2
0.3
0.4
0.4
0.4
0.6
0.6
1.0
1.0
1.2
1.2
2.1
2.1
2.1
2.1
2.1
5.5
15
15
15
15
20
30
15
35
30
30
30
25
15
15
20
20
50
20
50
200
150
50
70
30
40
30
30
40
80
150
150
200
150
50
200
200
70
200
200
200
250
300
300
300
300
350
400
350
300
500
300
300
500
500
500
500
500
500
100
100
100
100
100
150
100
150
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.4
0.4
0.4
0.4
1.5
4
0.4
4
1.5
1.5
1.5
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.18
0.18
0.18
0.18
0.6
1.3
0.18
1.3
0.6
0.6
0.6
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
100/100
100/100
10/10
100/100
100/100
100/100
100/100
100/100
100/100
100/100
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
100/200
100/200
10/20
100/200
100/200
100/200
100/200
100/200
100/200
100/200
2.5
2.5
2.5
1.7
1.5
1.35
2.0
1.3
2.5
2.5
2.5
1.3
1.4
1.4
1.5
1.2
1.1
1.5
1.1
0.95
1.2
1.5
1.3
1.25
1.35
1.5
1.5
1.5
1.5
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
(Tj)
*
: Under development
*
trr
(
µs)
1
trr
(
µs)
2
Rth (j- )
Rth (j-c)
(
°C/W)
Fig.
No.


Similar Part No. - ES01A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES01A SANKEN-ES01A Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
ES01A SANKEN-ES01A Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
More results

Similar Description - ES01A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com