Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE-4100 Datasheet(PDF) 2 Page - Moxa Inc.

Part # NE-4100
Description  10/100 Mbps embedded serial device servers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

NE-4100 Datasheet(HTML) 2 Page - Moxa Inc.

  NE-4100 Datasheet HTML 1Page - Moxa Inc. NE-4100 Datasheet HTML 2Page - Moxa Inc. NE-4100 Datasheet HTML 3Page - Moxa Inc. NE-4100 Datasheet HTML 4Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.moxa.com
2
Ethernet Software Features
Configuration Options
Web Console (HTTP), Windows Utility, Telnet Console, Serial Console
Management
ARP, Device Search Utility (DSU), DHCP Client, HTTP, IPv4, SMTP, SNMPv1/v2c, TCP/
IP, Telnet, UDP, Web Console, ICMP
Windows Real COM Drivers
Windows 95/98/ME/NT/2000, Windows XP/2003/Vista/2008/7/8/8.1/10 (x86/x64),
Windows 2008 R2/2012/2012 R2/2016/2019 (x64), Windows Embedded CE 5.0/6.0,
Windows XP Embedded
Linux Real TTY Drivers
Kernel versions: 2.4.x, 2.6.x, 3.x, 4.x, and 5.x
Fixed TTY Drivers
SCO UNIX, SCO OpenServer, UnixWare 7, QNX 4.25, QNX 6, Solaris 10, FreeBSD, AIX 5.
x, HP-UX 11i, Mac OS X
Android API
Android 3.1.x and later
Serial Interface
No. of Ports
2 (1 for serial interface, 1 for TTL console port)
Serial Standards
NE-4110S/4120S Series: RS-232
NE-4110A/4120A Series: RS-422, RS-485
NE-4100T Series: TTL
Operation Modes
Real COM mode, TCP Client mode, TCP Server mode, UDP mode
Baudrate
110 bps to 230.4 kbps
Data Bits
5, 6, 7, 8
Stop Bits
1, 1.5, 2
Parity
None, Even, Odd, Space, Mark
Flow Control
None, RTS/CTS, DTR/DSR, XON/XOFF
Serial Signals
RS-232
NE-4110S/4120S: TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND
RS-422
NE-4110A/4120A: TX+, TX-, RX+, RX-, GND
RS-485-4w
NE-4110A/4120A: TX+, TX-, RX+, RX-, GND
RS-485-2w
NE-4110A/4120A: Data+, Data-, GND
Power Parameters
Input Voltage
5 VDC
Power Consumption
290 mA @ 5 VDC
Physical Characteristics
Dimensions
NE-4110/4120: 57 x 40 mm (2.24 x 1.57 in)
NE-4100T: 45 x 36 mm (1.77 x 1.42 in)
Weight
NE-4110S/4110A: 40 g (0.09 lb)
NE-4120S/4120A/4100T: 20 g (0.04 lb)
Form Factor Type
NE-4110/4110A/4120S/4120A: Ready-to-go pin header modules
NE-4100T: Drop-in modules


Similar Part No. - NE-4100

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
NE-4100-ST MOXA-NE-4100-ST Datasheet
487Kb / 2P
   10/100 Mbps embedded serial device servers with a starter kit
More results

Similar Description - NE-4100

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
E1 MOXA-E1 Datasheet
923Kb / 5P
   10/100 Mbps embedded serial device servers
E2 MOXA-E2 Datasheet
888Kb / 4P
   10/100 Mbps embedded serial device servers
E3 MOXA-E3 Datasheet
1Mb / 4P
   10/100 Mbps embedded serial device servers
NE-4100-ST MOXA-NE-4100-ST Datasheet
487Kb / 2P
   10/100 Mbps embedded serial device servers with a starter kit
W1 MOXA-W1 Datasheet
892Kb / 4P
   Wireless LAN embedded serial device servers
logo
List of Unclassifed Man...
UD1100002-01 ETC2-UD1100002-01 Datasheet
287Kb / 2P
   RELIABLE DEVICE SERVERS FOR AFFORDABLE SERIAL-TO-ETHERNET CONNECTIVITY
logo
Moxa Inc.
5200A MOXA-5200A Datasheet
3Mb / 7P
   2-port RS-232/422/485 serial device servers
5100A MOXA-5100A Datasheet
4Mb / 7P
   1-port RS-232/422/485 serial device servers
5100 MOXA-5100 Datasheet
788Kb / 5P
   1-port RS-232/422/485 serial device servers
5600-DTL MOXA-5600-DTL Datasheet
1Mb / 5P
   8-port RS-232/422/485 serial device servers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com