Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1500H Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # TC1500H
Description  SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

TC1500H Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  TC1500H Datasheet HTML 1Page - Lite-On Technology Corporation TC1500H Datasheet HTML 2Page - Lite-On Technology Corporation TC1500H Datasheet HTML 3Page - Lite-On Technology Corporation TC1500H Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The PTC (Positive Temperature Coefficient) is an overcurrent protection device
TELECOM
EQUIPMENT
E.G. MODEM
FUSE
TSPD 1
RING
TIP
TELECOM
EQUIPMENT
E.G. LINE
CARD
RING
TIP
TSPD 2
TSPD 3
PTC
PTC
TSPD 1
TELECOM
EQUIPMENT
E.G. ISDN
TSPD 1
RING
TIP
TSPD 2
PTC
PTC
TYPICAL CIRCUIT APPLICATIONS
TC0640H thru TC3500H
REV. 0, 03-Dec-2001, KSWC02


Similar Part No. - TC1500H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC150-178-S ACE-TC150-178-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Transcom, Inc.
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1507D-430M PRODUCTWELL-TC1507D-430M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1500H

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com