Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI6552DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI6552DQ
Description  Dual N- and P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI6552DQ Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si6552DQ
Vishay Siliconix
www.vishay.com
2-2
Document Number: 70175
S-03419—Rev. G, 03-Mar-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
0.6
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 mA
P-Ch
- 0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = 20 V, VGS = 0 V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
P-Ch
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 70_C
N-Ch
5
mA
VDS = - 12 V, VGS = 0 V, TJ = 70_C
P-Ch
-5
VDS = 5 V, VGS = 4.5 V
N-Ch
10
On State Drain Currenta
ID( )
VDS = - 5 V, VGS = - 4.5 V
P-Ch
-10
A
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 2.5 V
N-Ch
4
A
VDS = - 5 V, VGS = - 2.5 V
P-Ch
-4
VGS = 4.5 V, ID = 2.8 A
N-Ch
0.08
Drain Source On State Resistancea
rDS( )
VGS = - 4.5 V, ID = 2.5 A
P-Ch
0.1
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 2.1 A
N-Ch
0.11
W
VGS = - 2.5 V, ID = 1.9 A
P-Ch
0.18
Forward Transconductancea
gf
VDS = 15 V, ID = 2.8 A
N-Ch
12
S
Forward Transconductancea
gfs
VDS = - 9 V, ID = - 2.5 A
P-Ch
7
S
Diode Forward Voltagea
VSD
IS = 1.0 A, VGS = 0 V
N-Ch
1.2
V
Diode Forward Voltagea
VSD
IS = - 1.0 A, VGS = 0 V
P-Ch
- 1.2
V
Dynamicb
Total Gate Charge
Qg
N-Ch
16
40
Total Gate Charge
Qg
N-Channel
P-Ch
9
20
Gate Source Charge
Q
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 2.8 A
N-Ch
3
nC
Gate-Source Charge
Qgs
P-Channel
V
6 V V
45 V I
25 A
P-Ch
2
nC
Gate Drain Charge
Q d
VDS = - 6 V, VGS = - 4.5 V, ID = - 2.5 A
N-Ch
6
Gate-Drain Charge
Qgd
P-Ch
3
Turn On Delay Time
td( )
N-Ch
37
60
Turn-On Delay Time
td(on)
P-Ch
21
40
Rise Time
t
N-Channel
VDD = 10 V, RL = 10 W
N-Ch
66
100
Rise Time
tr
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
P-Ch
35
70
Turn Off Delay Time
td( ff)
P-Channel
V
6 V R
6
W
N-Ch
56
100
ns
Turn-Off Delay Time
td(off)
P Channel
VDD = - 6 V, RL = 6 W
ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W
P-Ch
43
80
ns
Fall Time
tf
ID ^ -1 A, VGEN = - 4.5 V, RG = 6 W
N-Ch
57
100
Fall Time
tf
P-Ch
22
40
Source-Drain
t
N-Channel—IF = 1.0 A, di/dt = 100 A/ms
N-Ch
26
70
Source-Drain
Reverse Recovery Time
trr
P-Channel—IF = - 1.0 A, di/dt = 100 A/ms
P-Ch
35
70
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI6542DQDual N- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI1913DHDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI5517DUN- and P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4943DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7911DNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4913DYDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI8435DBDual P-Channel 20-V D-S MOSFET 1 2 3 Vaishali Semiconductor
SI9933ADYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7901EDNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn