Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU7712 Datasheet(PDF) 6 Page - New Japan Radio

Part No. NJU7712
Description  2ch VOLTAGE DETECTOR
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJU7712 Datasheet(HTML) 6 Page - New Japan Radio

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJU7712/13
- 6 -
Ver.2004-01-16
! NJU7713
! ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VDD
+10
V
Output Voltage
VOUT
VSS-0.3
∼ +10
V
Output Current
IOUT
50
mA
200(MTP5)
Power Dissipation
PD
250(SC88A(*note 1))
mW
Operating Temperature
Topr
-40
∼ +85
°C
Storage Temperature
Tstg
-40
∼ +125
°C
(*note 1): On board, 50mm
×50mm×1.6mm glass epoxy baseplate.
! ELECTRICAL CHARACTERISTICS
(1ch: Over Voltage Detect, Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detection Voltage
VDET1
-1.0%
+1.0%
V
Hysterisis Voltage
VHYS1
VDET
x0.03
VDET
x0.05
VDET
x0.08
V
VDET1=1.5V
∼ 1.7V Version
0.5
1.0
µA
Quiescent Current
ISS1
VDD1=VDET1+1V
VDET1=1.8V
∼ 6.0V Version
0.8
1.6
µA
VDD1=4.8V(
≤4.3V Version)
6
13
mA
Nch, VDS1=0.5V
VDD1=7.0V
8
18
mA
VDD1=1.4V
0.1
0.4
mA
Output Current
IOUT1
Pch, VDS1=0.5V
VDD1=2.4V(
≥2.7V Version)
0.6
1.6
mA
Detection Voltage
Temperature
Coefficient
∆V
DET1/
∆Ta
Ta=0
∼ +85°C
±100
ppm/
°C
Operating Voltage
(*note 4)
VDD1
RL1=100k
1.2
9
V
(*note 4): The minimum Operating Voltage(VOPL) indicates the same value of the output voltage(VOUT) on
condition that VOUTbecomes 90% or less of the input voltage(VDD).
(2ch: Low Voltage detect, Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detection Voltage
VDET2
-1.0%
+1.0%
V
Hysterisis Voltage
VHYS2
VDET
x0.03
VDET
x0.05
VDET
x0.08
V
VDET2=1.5V
∼ 1.7V Version
0.5
1.0
µA
Quiescent Current
ISS2
VDD2=VDET2+1V
VDET2=1.8V
∼ 6.0V Version
0.8
1.6
µA
VDD2=4.8V(
≤4.3V Version)
0.75
2.0
mA
Nch, VDS2=0.5V
VDD2=7.0V
4.5
7.0
mA
VDD2=1.4V
2.0
3.5
mA
VDD2=2.4V
(4.0V
∼5.6V
Version)
2.5
4.0
mA
Output Current
IOUT2
Pch, VDS2=0.5V
VDD2=8.4V (
≥5.7V Version)
3.0
5.0
mA
Detection Voltage
Temperature
Coefficient
∆V
DET2/
∆Ta
Ta=0
∼ +85°C
±100
ppm/
°C
Operating Voltage
(*note 5)
VDD2
RL2=100k
0.8
9
V
(*note 5): The minimum Operating Voltage(VOPL) indicates the same value of the output voltage(VOUT) on
condition that VOUTbecomes 10% or less of the input voltage(VDD).


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn