Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62258FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M62258FP
Description  GENERAL PURPOSE BATTERY CHARGER CONTROL IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62258FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M62258FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62258FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62258FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62258FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62258FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62258FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62258FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GENERAL PURPOSE BATTERY CHARGER CONTROL IC
M62258FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 7 )
Function block description
(1).A-D converter input
Since it capable of driving external PNP Tr. base up to 20mA, it
can supply current of
IDD MAX=20mAXQ1hFE.
Also, since this is low I/O type power source, it can be operate
VCC-VDD=0.1V
Select the desire reference voltage to be detected by serial data
from the microcomputer.
The input voltage level of IN1 and IN2 will be magnified 4 times
using selected reference voltage as a canter.
This magnified data will be return to the A-D input port of the
microcomputer.
As result, accuracy of the A-D converter of the microcomputer will
be increased by 2 bit.
VOLTAGE REGULATOR
REFERENCE VOLTAGE
REF
3
1
*
4.8V
0.8V
(2).+5V voltage regulator
VCC
VB
VDD
+5V
IDD
Q1
*Connect few 1000pF capacitor
to stabilize the reference voltage
6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M62255FP GENERAL PURPOSE BATTERY CHARGER CONTROL IC 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62240FP SINGLE CHIP BATTERY CHARGER CONTROL IC 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62241FP SINGLE CHIP BATTERY CHARGER CONTROL IC 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62253FP LITHIUM ION BATTERY CHARGER CONTROL IC 1  2  3  4  5  Mitsubishi Electric Semiconductor
MC33341 POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT 1  2  3  4  5  More ON Semiconductor
M62213P GENERAL PURPOSE HIGH SPEED PWM CONTROL IC 1  2  3  4  5  More Mitsubishi Electric Semiconductor
TEA1088T SMPS battery charger control circuit 1  2  3  4  5  More NXP Semiconductors
M62281P GENERAL PURPOSE CURRENT MODE PWM CONTROL IC 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62256FP Single chip battery charger control IC 1  2  3  4  5  More Mitsubishi Electric Semiconductor
U211B2 Phase Control Circuit - General Purpose Feedback 1  2  3  4  5  More TEMIC Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn