Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM90 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM90
Description  3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM90 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM90 Datasheet HTML 1Page - National Semiconductor (TI) LM90 Datasheet HTML 2Page - National Semiconductor (TI) LM90 Datasheet HTML 3Page - National Semiconductor (TI) LM90 Datasheet HTML 4Page - National Semiconductor (TI) LM90 Datasheet HTML 5Page - National Semiconductor (TI) LM90 Datasheet HTML 6Page - National Semiconductor (TI) LM90 Datasheet HTML 7Page - National Semiconductor (TI) LM90 Datasheet HTML 8Page - National Semiconductor (TI) LM90 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM90
±3˚C Accurate, Remote Diode and Local Digital
Temperature Sensor with Two-Wire Interface
General Description
The LM90 is an 11-bit digital temperature sensor with a
2-wire System Management Bus (SMBus) serial interface.
The LM90 accurately measures its own temperature as well
as the temperature of an external device, such as processor
thermal diode or diode connected transistor such as the
2N3904. The temperature of any ASIC can be accurately
determined using the LM90 as long as a dedicated diode
(semiconductor junction) is available on the target die. The
LM90 remote sensor accuracy of ±3˚C is factory trimmed for
the 1.008 typical non-ideality factor of the mobile Pentium
III
thermal
diode.
The
LM90
has
an
Offset
register
to
allow
measuring
other
diodes
without
requiring
continuous
software
management.
Contact
hardware.monitor.team@nsc.com to obtain the latest data for
new processors.
Activation of the ALERT output occurs when any tempera-
ture goes outside a preprogrammed window set by the HIGH
and LOW temperature limit registers or exceeds the T_CRIT
temperature limit. Activation of the T_CRIT_A occurs when
any temperature exceeds the T_CRIT programmed limit.
The LM90 is pin and register compatible with the LM86,
Analog Devices ADM1032 and Maxim MAX6657/8.
Features
n
Accurately senses die temperature of remote ICs or
diode junctions
n
Offset register allows sensing a variety of thermal
diodes accurately
n
On-board local temperature sensing
n
10 bit plus sign remote diode temperature data format,
0.125 ˚C resolution
n
Diode fault detection circuitry
n
T_CRIT_A output useful for system shutdown (open
diode does not activate T_CRIT_A)
n
ALERT output supports SMBus 2.0 protocol
n
SMBus 2.0 compatible interface, supports TIMEOUT
n
8-pin MSOP packages
Key Specifications
j Supply Voltage
3.0V to 3.6V
j Supply Current
0.8mA (typ)
j Local Temp Accuracy (includes quantization error)
T
A=25˚C to 125˚C
±4.0˚C (max)
j Remote Diode Temp Accuracy (includes quantization
error)
T
A=30˚C to 50˚C, TD=60˚C to 100˚C
±3.0˚C (max)
T
A=0˚C to 85˚C, TD=25˚C to 125˚C
±4.0˚C (max)
Applications
n
System Thermal Management
(e.g. Laptop, Desktop, Workstations, Server)
n
Electronic Test Equipment
n
Office Electronics
LM90 Simplified Block Diagram
20033701
Pentiumis a trademark of Intel Corporation.
February 2002
© 2002 National Semiconductor Corporation
DS200337
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn