Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1345WP-100 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1345WP-100
Description  3.3V 1024k Nonvolatile SRAM with Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1345WP-100 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1345WP-100 Datasheet HTML 4Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 5Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 6Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 7Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 8Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 9Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 10Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 11Page - Dallas Semiconductor DS1345WP-100 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1345W
11 of 12
DS1345W NONVOLATILE SRAM, 34-PIN POWERCAP MODULE WITH
POWERCAP
INCHES
PKG
DIM
MIN
NOM
MAX
A
0.920
0.925
0.930
B
0.955
0.960
0.965
C
0.240
0.245
0.250
D
0.052
0.055
0.058
E
0.048
0.050
0.052
F
0.015
0.020
0.025
G
0.020
0.025
0.030
ASSEMBLY AND USE
Reflow soldering
Dallas Semiconductor recommends that
PowerCap Module bases experience one
pass through solder reflow oriented
label-side up (live-bug).
Hand soldering and touch-up
Do not touch soldering iron to leads for
more than 3 seconds. To solder, apply
flux to the pad, heat the lead frame pad
and apply solder. To remove part, apply
flux, heat pad until solder reflows, and
use a solder wick.
LPM replacement in a socket
To replace a Low Profile Module in a
68-pin
PLCC
socket,
attach
a
DS9034PC PowerCap to a module base
then insert the complete module into the
socket one row of leads at a time,
pushing only on the corners of the cap.
Never apply force to the center of the
device. To remove from a socket, use a
PLCC extraction tool and ensure that it
does not hit or damage any of the
module IC components. Do not use any
other tool for extraction.


Similar Part No. - DS1345WP-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
More results

Similar Description - DS1345WP-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
logo
Dallas Semiconductor
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y Datasheet
220Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
032904
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y_V01 Datasheet
193Kb / 10P
   1024k Nonvolatile SRAM with Battery Monitor
2010
logo
Dallas Semiconductor
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
logo
Dallas Semiconductor
DS1350W DALLAS-DS1350W Datasheet
107Kb / 11P
   3.3V 4096K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
   3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com