Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1345W Datasheet(PDF) 5 Page - Dallas Semiconductor

Part No. DS1345W
Description  3.3V 1024k Nonvolatile SRAM with Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1345W Datasheet(HTML) 5 Page - Dallas Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS1345W
5 of 12
AC ELECTRICAL CHARACTERISTICS
(TA: See Note 10) (VCC =3.3V ± 0.3V)
DS1345W-100 DS1345W-150
PARAMETER
SYMBOL
MIN
MAX
MAX
MIN
UNITS
NOTES
Read Cycle Time
tRC
100
150
ns
Access Time
tACC
100
150
ns
OE
to Output Valid
tOE
50
70
ns
CE
to Output Valid
tCO
100
150
ns
OE
or CE to Output Active
tCOE
5
5
ns
5
Output High Z
from Deselection
tOD
35
35
ns
5
Output Hold from
Address Change
tOH
55
ns
Write Cycle Time
tWC
100
150
ns
Write Pulse Width
tWP
75
100
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR1
tWR2
5
20
5
20
ns
12
13
Output High Z from WE
tODW
35
35
ns
5
Output Active from WE
tOEW
5
5
ns
5
Data Setup Time
tDS
40
60
ns
4
Data Hold Time
tDH1
tDH2
0
20
0
20
ns
12
13
READ CYCLE
SEE NOTE 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn