Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74123 Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74123
Description  Dual Monostable Multivibrator with Clear
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74123 Datasheet(HTML) 3 Page - Integral Corp.

  IN74123 Datasheet HTML 1Page - Integral Corp. IN74123 Datasheet HTML 2Page - Integral Corp. IN74123 Datasheet HTML 3Page - Integral Corp. IN74123 Datasheet HTML 4Page - Integral Corp. IN74123 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74123
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V, TA=+25°C, Input tr=tf=6.0 ns)
Symbol
Parameter
Test Conditions
Guaranteed Limit
Unit
Min
Typ
Max
tPLH
Propagation Delay, A to Q
32
33
ns
tPHL
Propagation Delay, A to Q
30
40
ns
tPLH
Propagation Delay, B to Q
CEXT=0, REXT=5.1 kΩ,
19
28
ns
tPHL
Propagation Delay, B to Q
CL=15 pF,RL=390 Ω
27
36
ns
tPLH
Propagation Delay, Clear to Q
30
40
ns
tPHL
Propagation Delay, Clear to Q
18
27
ns
tWQmin
Pulse Width, A or B to Q
45
65
ns
tWQ
Pulse Width, A or B to Q
CEXT=1000 pF,
REXT=10 kΩ,
RL=390 Ω,CL=15 pF
2.76
3.2
3.37
µs
NOTE: Retrigger pulse must not start before 0.22 CEXT (in picofarads) nonoseconds after previous trigger pulse.
Figure 1. Typical Input/Output Pulses
3


Similar Part No. - IN74123

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74123 IKSEMICON-IN74123 Datasheet
322Kb / 5P
   Dual Monostable Multivibrator with Clear
IN74123N IKSEMICON-IN74123N Datasheet
322Kb / 5P
   Dual Monostable Multivibrator with Clear
More results

Similar Description - IN74123

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74123 KODENSHI-KK74123 Datasheet
337Kb / 5P
   Dual Monostable Multivibrator with Clear
logo
IK Semicon Co., Ltd
IN74123 IKSEMICON-IN74123 Datasheet
322Kb / 5P
   Dual Monostable Multivibrator with Clear
logo
Renesas Technology Corp
HD74LS122 RENESAS-HD74LS122 Datasheet
82Kb / 8P
   Retriggerable Monostable Multivibrator (with Clear)
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com