Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN7407D Datasheet(PDF) 4 Page - Integral Corp.

Part # IN7407D
Description  Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN7407D Datasheet(HTML) 4 Page - Integral Corp.

  IN7407D Datasheet HTML 1Page - Integral Corp. IN7407D Datasheet HTML 2Page - Integral Corp. IN7407D Datasheet HTML 3Page - Integral Corp. IN7407D Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN7407
N SUFFIX PLASTIC DIP
(MS - 001AA)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AB)
Symbol
MIN
MAX
A
8.55
8.75
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
Dimension, mm
1.27
5.27
2.54
7.62
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
4


Similar Part No. - IN7407D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN7407D IKSEMICON-IN7407D Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
More results

Similar Description - IN7407D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07 Datasheet
327Kb / 11P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com