Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN7407 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN7407
Description  Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN7407 Datasheet(HTML) 1 Page - Integral Corp.

  IN7407 Datasheet HTML 1Page - Integral Corp. IN7407 Datasheet HTML 2Page - Integral Corp. IN7407 Datasheet HTML 3Page - Integral Corp. IN7407 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
IN7407
Hex Buffers/Drivers with Open-
Collector High-Voltage Outputs
ORDERING INFORMATION
IN7407N Plastic
IN7407D SOIC
TA = -10° to 70° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
Y
H
Z
L
L
Z = High Impedance
1


Similar Part No. - IN7407

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
IN7407D IKSEMICON-IN7407D Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
IN7407N IKSEMICON-IN7407N Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
More results

Similar Description - IN7407

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07 Datasheet
327Kb / 11P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com