Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4420 Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part # MT4420
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MT4420 Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  MT4420 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd MT4420 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10 -3
10 -2
1
10
600
10 -1
10 -4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 70 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MT4420
6


Similar Part No. - MT4420

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT440-G MARKTECH-MT440-G Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-HR MARKTECH-MT440-HR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-O MARKTECH-MT440-O Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-UG MARKTECH-MT440-UG Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-UR MARKTECH-MT440-UR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
More results

Similar Description - MT4420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com