Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHC241 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74VHC241
Description  Octal Buffer/Line driver, INV (3-State)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC241 Datasheet(HTML) 4 Page - Integral Corp.

  IN74VHC241 Datasheet HTML 1Page - Integral Corp. IN74VHC241 Datasheet HTML 2Page - Integral Corp. IN74VHC241 Datasheet HTML 3Page - Integral Corp. IN74VHC241 Datasheet HTML 4Page - Integral Corp. IN74VHC241 Datasheet HTML 5Page - Integral Corp. IN74VHC241 Datasheet HTML 6Page - Integral Corp. IN74VHC241 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74VHC241
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbo
l
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
2.0
1.5
1.5
V
VIH High input voltage
3.0-5.5 0.7Vcc
0.7Vcc
2.0
0.5
0.5
VIL Low input voltage
3.0-5.5
0.3Vcc
0.3Vcc
2.0
1.92
1.9
3.0
2.92
2.9
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.52
5.4
VI = VIH or VIL;
IO = -4 mA
3.0
2.58
2.48
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
2.0
0.09
0.1
3.0
0.09
0.1
4.5
0.09
0.1
VI = VIH orVIL
IO = 50 mkA
5.5
0.09
0.1
VI = VIH or VIL
IO = 4 mA
3.0
0.36
0.44
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
IOZ
Output
current
in
"off" state
VI = VIH or VIL
VO = VCC or 0V
5.5
-
±0.25
-
±2.5
mkA
II
Input current
VI = 5.5V or 0V
0 – 5.5
-
±0.1
-
±1.0
ICC
Consumption current VI =VCC or 0V 5.5
-
4.0
-
40.0
4


Similar Part No. - IN74VHC241

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC241 IKSEMICON-IN74VHC241 Datasheet
303Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
IN74VHC241DW IKSEMICON-IN74VHC241DW Datasheet
303Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
IN74VHC241N IKSEMICON-IN74VHC241N Datasheet
303Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
More results

Similar Description - IN74VHC241

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC241 IKSEMICON-IN74VHC241 Datasheet
303Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
logo
KODENSHI_AUK CORP.
KK74VHC240 KODENSHI-KK74VHC240 Datasheet
312Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
logo
Integral Corp.
IN74VHC240 INTEGRAL-IN74VHC240 Datasheet
297Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
logo
KODENSHI_AUK CORP.
KK4VHC241 KODENSHI-KK4VHC241 Datasheet
316Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
logo
IK Semicon Co., Ltd
IN74VHC240 IKSEMICON-IN74VHC240 Datasheet
300Kb / 7P
   Octal Buffer/Line driver, INV (3-State)
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com