Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC3842B Datasheet(PDF) 6 Page - ON Semiconductor

Part No. UC3842B
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button UC3842B Datasheet HTML 2Page - ON Semiconductor UC3842B Datasheet HTML 3Page - ON Semiconductor UC3842B Datasheet HTML 4Page - ON Semiconductor UC3842B Datasheet HTML 5Page - ON Semiconductor UC3842B Datasheet HTML 6Page - ON Semiconductor UC3842B Datasheet HTML 7Page - ON Semiconductor UC3842B Datasheet HTML 8Page - ON Semiconductor UC3842B Datasheet HTML 9Page - ON Semiconductor UC3842B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
UC3842B, UC3843B, UC2842B, UC2843B, NCV3843BV
http://onsemi.com
6
Sink Saturation
(Load to VCC)
TA = -55°C
VCC
Source Saturation
(Load to Ground)
0
800
0
IO, OUTPUT LOAD CURRENT (mA)
200
400
600
1.0
2.0
3.0
-2.0
-1.0
0
TA = -55°C
Figure 12. Reference Load Regulation
Figure 13. Reference Line Regulation
Figure 14. Output Saturation Voltage
versus Load Current
Figure 15. Output Waveform
Figure 16. Output Cross Conduction
Figure 17. Supply Current versus Supply Voltage
TA = 25°C
RT = 10 k
CT = 3.3 nF
VFB = 0 V
ISense = 0 V
TA = 25°C
0
0
VCC, SUPPLY VOLTAGE (V)
10
20
30
40
5
10
15
20
25
TA = 25°C
Gnd
VCC = 15 V
80 µs Pulsed Load
120 Hz Rate
2.0 ms/DIV
2.0 ms/DIV
VCC = 15 V
IO = 1.0 mA to 20 mA
TA = 25°C
VCC = 12 V to 25
TA = 25°C
VCC = 30 V
CL = 15 pF
TA = 25°C
VCC = 15 V
CL = 1.0 nF
TA = 25°C
50 ns/DIV
100 ns/DIV
90%
10%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn