Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74VHC126 Datasheet(PDF) 5 Page - Integral Corp.

Part No. IN74VHC126
Description  QUAD 3-STATE NONINVERTING BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74VHC126 Datasheet(HTML) 5 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IN74VHC126
AC electrical characteristics (tLH = tHL = 3.0 ns)
Value
25
°C
–40
to 85
°C
Symbol
Parameter
Test
conditi
ons
VCC, V
CL,
pF
min
max
min
max
Unit
15
-
8.0
-
9.5
3.3 ± 0.3
50
11.5
13.0
15
5.5
6.5
tPHL, tPLH Propagation
delay time
when
switching
"on",
"off"
Figure
1
5.0 ± 0.5
50
7.5
8.5
ns
3.3 ± 0.3
50
13.2
15.0
tPHZ , tPLZ Propagation delay time
under
transition
from
high , low level into "off"
state
Figure
2
5.0 ± 0.5
50
8.8
10.0
15
8.0
9.5
3.3 ± 0.3
50
11.5
13.0
15
5.1
6.0
tPZH , tPZL Propagation delay time
under
transition
from
«off» state into high, low
level
Figure
2
5.0 ± 0.5
50
7.1
8.0
3.3 ± 0.3
50
1.5
1.5
tOSLH, tOSHL Propagation
delays
difference
between
outputs
5.5 ± 0.5
50
1.0
1.0
Capacitance characteristics
Value
25
°C
Symbol
Parameter
Test conditions
VCC, V
min
max
Unit
CI
Input capacity
-
5.0
10
pF
CO
Output capacity
-
5.0
12
pF
CРD
Dynamic capacity
VI = 0 V orVCC
5.0
30
pF
Noise characteristics (CL = 50 pF)
Value
Symbol
Parameter
VCC, V
min
max
Unit
VOLP
Positive noise of low output voltage
5.0
-
0.8
V
VOLV
Negative noise of low output
voltage
5.0
-0.8
-
VIHD
Input dynamic high voltage
5.0
3.5
-
VILD
Input dynamic low voltage
5.0
-
1.5
5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn