Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74VHC126 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74VHC126
Description  QUAD 3-STATE NONINVERTING BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC126 Datasheet(HTML) 4 Page - Integral Corp.

  IN74VHC126 Datasheet HTML 1Page - Integral Corp. IN74VHC126 Datasheet HTML 2Page - Integral Corp. IN74VHC126 Datasheet HTML 3Page - Integral Corp. IN74VHC126 Datasheet HTML 4Page - Integral Corp. IN74VHC126 Datasheet HTML 5Page - Integral Corp. IN74VHC126 Datasheet HTML 6Page - Integral Corp. IN74VHC126 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74VHC126
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbo
l
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
2.0
1.5
1.5
V
VIH High input voltage
3.0-5.5 0.7Vcc
0.7Vcc
2.0
0.5
0.5
VIL Low input voltage
3.0-5.5
0.3Vcc
0.3Vcc
2.0
1.92
1.9
3.0
2.92
2.9
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.52
5.4
VI = VIH or VIL;
IO = -4 mA
3.0
2.58
2.48
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
2.0
0.09
0.1
3.0
0.09
0.1
4.5
0.09
0.1
VI = VIH orVIL
IO = 50 mkA
5.5
0.09
0.1
VI = VIH or VIL
IO = 4 mA
3.0
0.36
0.44
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
IOZ
Output
current
in
"off" state
VI = VIH or VIL
VO = VCC or 0V
5.5
-
±0.25
-
±2.5
mkA
II
Input current
VI = 5.5V or 0V
0 – 5.5
-
±0.1
-
±1.0
ICC
Consumption current VI =VCC or 0V 5.5
-
4.0
-
40.0
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IN74HCT125A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
IN74HCT126A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
IN74VHCT125 Quad 3-State Noninverting Buffers 1  2  3  4  5  More Integral Corp.
IN74VHCT126 Quad 3-State Noninverting Buffers 1  2  3  4  5  More Integral Corp.
AD5424 Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS 1  2  3  4  5  List of Unclassifed Manufacturers
SL74HC125 Quad 3-State Noninverting Buffers 1  2  3  4  5  System Logic Semiconductor
IN74ACT125 Quad 3-State Noninverting Buffers 1  2  3  4  5  Integral Corp.
IN74HC125A Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
MC74HC125A Quad 3-State Noninverting Buffers 1  2  3  4  5  More ON Semiconductor
74F125 Quad buffers 3-State 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn