Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHC00N Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74VHC00N
Description  Quad 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC00N Datasheet(HTML) 3 Page - Integral Corp.

  IN74VHC00N Datasheet HTML 1Page - Integral Corp. IN74VHC00N Datasheet HTML 2Page - Integral Corp. IN74VHC00N Datasheet HTML 3Page - Integral Corp. IN74VHC00N Datasheet HTML 4Page - Integral Corp. IN74VHC00N Datasheet HTML 5Page - Integral Corp. IN74VHC00N Datasheet HTML 6Page - Integral Corp. IN74VHC00N Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IN74VHC00
Absolute maximum conditions*
Parameter, unit
Symbol
Value
min
max
Supply voltage, V
VCC
-0.5
7.0
Input voltage, V
Vin
-0.5
7.0
Output voltage, V
Vout
-0.5
Vcc+0.5V
Input diode current, mA
Iik
-20
Current of common output and supply
output, mA
Icc
± 75
Output current, mA
Iout
± 25
Output diode current, mA
Iok
± 20
Dissipated power, mW
Pd
180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is
guaranteed under maximum conditions
Maximum conditions
Symbol
Value
Parameter, unit
min
max
Supply voltage, V
VCC
2.0
5.5
Input voltage,V
Vin
0
VCC
Output voltage, V
Vout
0
VCC
Output current, mA
Iout
± 8.0
Input rise and fall time, ns/V
at Vcc = (3.3 ± 0.3) V
at Vcc = (5.0 ± 0.5) V
tLH, tHL
0
0
100
20
3


Similar Part No. - IN74VHC00N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC00N IKSEMICON-IN74VHC00N Datasheet
268Kb / 7P
   Quad 2-Input NAND Gate
More results

Similar Description - IN74VHC00N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com