Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV573 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74LV573
Description  OCTAL D-TYPE TRANSPARENT LATCH (3-STATE)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74LV573 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74LV573
4
AC CHARACTERISICS (CL=50 pF, RL=1 KΩ, tLH = tHL = 2.5 ns)
Sym
Conditions
Limits
bol
Parameter
Vcc
-40 to +25
°C+85°C
+125
°C
Unit
Min
Max
Min
Max Min Max
tPHL/PLH
Propagation
delay Dn to
Qn
1.2
2.0
2.7
3.0
4.5
VI = Vcc or
GND
-
-
-
-
-
150
30
23
18
15
-
-
-
-
-
160
39
29
23
19
-
-
-
-
-
170
49
36
29
24
ns
tPHL/PLH
Propagation
delay LE to
Qn
1.2
2.0
2.7
3.0
4.5
VI = Vcc or
GND
-
-
-
-
-
160
34
28
20
17
-
-
-
-
-
180
43
31
25
21
-
-
-
-
-
190
53
34
31
26
ns
tPZH/PZL
3-state
output
enable time
OE to Qn
1.2
2.0
2.7
3.0
4.5
VI = Vcc or
GND
-
-
-
-
-
140
28
22
17
14
-
-
-
-
-
160
37
28
22
18
-
-
-
-
-
170
48
35
28
23
ns
tPHZ/PLZ
3-state
outpiut
disable time
OE to Qn
1.2
2.0
2.7
3.0
4.5
VI = Vcc or
GND
-
-
-
-
-
160
31
23
20
17
-
-
-
-
-
160
39
29
24
20
-
-
-
-
-
170
48
36
29
24
ns
tW
LE
pulse
width HIGH
1.2
2.0
2.7
3.0
4.5
100
29
21
17
15
-
-
-
-
-
125
34
25
20
18
-
-
-
-
-
150
41
30
24
21
-
-
-
-
-
ns
tsu
Setup
time
Dn to LE
1.2
2.0
2.7
3.0
4.5
50
15
11
8
6
-
-
-
-
-
75
17
13
10
8
-
-
-
-
-
100
20
15
12
10
-
-
-
-
-
ns
th
Hold time Dn
to LE
1.2
2.0
2.7
3.0
4.5
40
8
8
8
8
-
-
-
-
-
40
8
8
8
8
-
-
-
-
-
40
8
8
8
8
-
-
-
-
-
ns
CI
Input
capacitance
5.0
Т=+25
оС
7.0
-
ns
CPD
Power
dissipation
capacitance
per package
5.5
Т=+25
оС
VI = Vcc or
GND
52
-
ns


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn