Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV374 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74LV374
Description  OCTAL D-TYPE FLIP-FLOP POSITIVE EDGETRIGGER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV374 Datasheet(HTML) 3 Page - Integral Corp.

  IN74LV374 Datasheet HTML 1Page - Integral Corp. IN74LV374 Datasheet HTML 2Page - Integral Corp. IN74LV374 Datasheet HTML 3Page - Integral Corp. IN74LV374 Datasheet HTML 4Page - Integral Corp. IN74LV374 Datasheet HTML 5Page - Integral Corp. IN74LV374 Datasheet HTML 6Page - Integral Corp. IN74LV374 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IN74LV374
3
DC CHARACTERISTICS
Test
VCC,
Limits
Symbol
Parameter
coditions
V
25
°C
-40
°C to
85
°C
125
°C
Unit
min ma
x
min ma
x
min ma
x
VIH
HIGH
level
input voltage
VO
=
VCC-
0.1 V
1.2
2.0
3.0
3.6
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
V
VIL
LOW
level
input voltage
VO =0.1 V
1.2
2.0
3.0
3.6
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
V
VOH
HIGH
level
output voltage
VI = VIH or VIL
IO = -50 µА
1.2
2.0
3.0
3.6
1.1
1.92
2.92
3.52
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
V
VI = VIH or VIL
IO = -8 mА
3.0 2.48
-
2.34
-
2.20
-
V
VOL
LOW
level
output voltage
VI = VIH or VIL
IO = 50 µА
1.2
2.0
3.0
3.6
-
-
-
-
0.09
0.09
0.09
0.09
-
-
-
-
0.1
0.1
0.1
0.1
-
-
-
-
0.1
0.1
0.1
0.1
V
VI = VIH or VIL
IO = 8 mА
3.0
-
0.33
-
0.4
-
0.5
V
II
Input leakage
current
VI = VCC или
0 V
3.6
-
±0.1
-
±1.0
-
±1.0
µА
IOZ
Output
OFF-
state current
3-state
outputs
VI = VIL or VIH
VO =VCC or
0 V
3.6
-
±0.5
-
±5
-
±10
µА
ICC
Suply current
VI =VCC or
0 V
IO = 0 µА
3.6
-
8.0
-
80
-
160
µА


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn