Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV273 Datasheet(PDF) 7 Page - Integral Corp.

Part No. IN74LV273
Description  Octal D Flip-Flop with Common Clock and Reset
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74LV273 Datasheet(HTML) 7 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IN74LV273
7
INTEGRAL
CHIP PAD DIAGRAM
Location of marking (mm): left lower corner x=0.119, y=0.082.
Chip thickness: 0.46
± 0.02 mm, (0.35 ± 0.02 mm – for SOIC).
PAD LOCATION
Location (left lower corner), mm
Pad No
Symbol
X
Y
Pad size, mm
01
Reset
0.1415
0.6270
0.100 x 0.100
02
Q 0
0.1415
0.3880
0.100 x 0.100
03
D 0
0.1375
0.1515
0.100 x 0.100
04
D 1
0.4535
0.1190
0.100 x 0.100
05
Q 1
0.6245
0.1190
0.100 x 0.100
06
Q 2
0.7800
0.1190
0.100 x 0.100
07
D 2
0.9520
0.1180
0.100 x 0.100
08
D 3
1.2685
0.1185
0.100 x 0.100
09
Q 3
1.2480
0.2960
0.100 x 0.100
10
GND
1.2650
0.5160
0.100 x 0.100
11
Clock
1.2650
0.8430
0.100 x 0.100
12
Q 4
1.2425
1.0820
0.100 x 0.100
13
D 4
1.2465
1.3165
0.100 x 0.100
14
D 5
0.9520
1.3120
0.100 x 0.100
15
Q 5
0.7800
1.3110
0.100 x 0.100
16
Q 6
0.6245
1.3110
0.100 x 0.100
17
D 6
0.4535
1.3110
0.100 x 0.100
18
D 7
0.1160
1.3115
0.100 x 0.100
19
Q 7
0.1440
1.1350
0.100 x 0.100
20
VCC
0.1190
0.9140
0.100 x 0.100
Note: Pad location is given as per passivation layer.
01
10
02
X
Y
11
20
19
03
(0,0)
12
04
13
05
1.48 + 0.03
14
Chip marking
25LV273
06
15
07
16
08
17
09
18


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn