Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV241 Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74LV241
Description  OCTAL BUFFER/LINE DRIVE; 3-STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV241 Datasheet(HTML) 2 Page - Integral Corp.

  IN74LV241 Datasheet HTML 1Page - Integral Corp. IN74LV241 Datasheet HTML 2Page - Integral Corp. IN74LV241 Datasheet HTML 3Page - Integral Corp. IN74LV241 Datasheet HTML 4Page - Integral Corp. IN74LV241 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IN74LV241
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.5 to +5.0
V
IIK *
1
DC Input diode current
±20
mA
IOK *
2
DC Output diode current
±50
mA
IO *
3
DC Output source or sink current
±35
mA
ICC
DC VCC current
±70
mA
IGND
DC GND current
±70
mA
PD
Power dissipation per package: *
4
Plastic DIP
SO
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1.5 mm (Plastic DIP Package), 0.3 mm (SO
Package) from Case for 4 Seconds
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
*
1 V
I < -0.5 V or VI > VCC + 0.5 V.
*
2 V
O < -0.5 V or VO > VCC + 0.5 V.
*
3 -0.5 V < V
O < VCC + 0.5 V.
*
4 Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SO Package: : - 8 mW/
°C from 70° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.2
3.6
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
0
0
0
1000
700
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IN74LV241

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV240 INTEGRAL-IN74LV240 Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV240DW INTEGRAL-IN74LV240DW Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV240N INTEGRAL-IN74LV240N Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV244 INTEGRAL-IN74LV244 Datasheet
157Kb / 4P
   OCTAL BUFFER/LINE DRIVER 3-STATE
IN74LV244DW INTEGRAL-IN74LV244DW Datasheet
157Kb / 4P
   OCTAL BUFFER/LINE DRIVER 3-STATE
More results

Similar Description - IN74LV241

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV240 INTEGRAL-IN74LV240 Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
System Logic Semiconduc...
LV244 SLS-LV244 Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV241 KODENSHI-KK74LV241 Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV240 KODENSHI-KK74LV240 Datasheet
290Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV244 KODENSHI-KK74LV244 Datasheet
270Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
logo
Texas Instruments
CD54AC540 TI-CD54AC540_08 Datasheet
665Kb / 15P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com