Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV138 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74LV138
Description  3-to-8 line decoder/demultiplexer;inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV138 Datasheet(HTML) 1 Page - Integral Corp.

  IN74LV138 Datasheet HTML 1Page - Integral Corp. IN74LV138 Datasheet HTML 2Page - Integral Corp. IN74LV138 Datasheet HTML 3Page - Integral Corp. IN74LV138 Datasheet HTML 4Page - Integral Corp. IN74LV138 Datasheet HTML 5Page - Integral Corp. IN74LV138 Datasheet HTML 6Page - Integral Corp. IN74LV138 Datasheet HTML 7Page - Integral Corp. IN74LV138 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TECHNICAL DATA
1
INTEGRAL
3-to-8 line decoder/demultiplexer;
inverting
The IN74LV138 is a low-voltage Si-gate CMOS device and is pin
and function compatible 74HCT138.
The74LV138 accepts three binary weighted address inputs -
(A0,A1,A2) and when enabled,provide 8 - mutually exclusive active
LOW outputs (Y0 to Y7).
The “138” features three enable inputs: two active LOW (CS2,CS3
and one active HIGH (CS1).Every output will be HIGH untess CS2, and
CS3 are LOW and CS1 is HIGH.
• Optimized for Low Voltage applications:1.2 to 3.6 V
• Demultiplexing capability
• Multiple input enabte for easy expansion
• Ideal for memory chip select decoding
• Active LOW mutually exclusive outputs
• Output capability: standard
N SUFFIX
PLASTIC
D SUFFIX
SOIC
1
16
1
16
ORDERING INFORMATION
IN74LV138N Plastic
IN74LV138D SOIC
TA = -40
° to 125° C for all packages
IN74LV138
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Outputs
CS1CS2CS3
A2 A1A0
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
X X H
X H X
L X X
X X X
X X X
X X X
H H H H H H H H
H H H H H H H H
H H H H H H H H
H L L
H L L
H L L
H L L
L L L
L L H
L H L
L H H
L H H H H H H H
H L H H H H H H
H H L H H H H H
H H H L H H H H
H L L
H L L
H L L
H L L
H L L
H L H
H H L
H H H
H H H H L H H H
H H H H H L H H
H H H H H H L H
H H H H H H H L
H = high level (steady state)
L = low level (steady state)
X = don’t care


Similar Part No. - IN74LV138

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV139 INTEGRAL-IN74LV139 Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
IN74LV139D INTEGRAL-IN74LV139D Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
IN74LV139N INTEGRAL-IN74LV139N Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - IN74LV138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com