Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ74LV08 Datasheet(PDF) 4 Page - Integral Corp.

Part # IZ74LV08
Description  Quad 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV08 Datasheet(HTML) 4 Page - Integral Corp.

  IZ74LV08 Datasheet HTML 1Page - Integral Corp. IZ74LV08 Datasheet HTML 2Page - Integral Corp. IZ74LV08 Datasheet HTML 3Page - Integral Corp. IZ74LV08 Datasheet HTML 4Page - Integral Corp. IZ74LV08 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74LV08
4
INTEGRAL
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, tLH = tHL = 6.0 ns , VIL=0V, VIH=VCC, RL=1k?)
VCC
Guaranteed Limit
V
25
°C
-40
°C ? 85°C
-40
°C ? 125°C
Symbol
Parameter
min
max
min
max
min
max
Unit
tTHL, (tTLH)
Output Transition
Time, Any Output
(Figure 1)
1.2
2.0
*
-
-
60
16
10
-
-
-
75
20
13
-
-
-
90
24
15
ns
tPHL, (tPLH)
Propagation Delay,
Input A to Output Y
(Figure 1)
1.2
2.0
*
-
-
-
135
23
14
-
-
-
405
28
18
-
-
-
405
34
21
CI
Input Capacitance
3.0
-
7.0
-
-
-
-
pF
ÒÀ=25
°Ñ, V
I=0V?VCC
pF
CPD
Power Dissipation Capacitance (Per Gate)
44
* - VCC= (3.3±0.3) V
Used to determine the no-load dynamic power consumption:
PD = CPDVCC
2f
I+ ?(C LVCC
2fo), f
I-input frequency, fo - output frequency (MHz)
?(CLVCC
2fo) – sum of the outputs
Figure 1. Switching Waveforms
Figure 2. Test Circuit
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
V
1
t
PLH
t
HL
t
THL
t
PHL
t
LH
t
TLH
V
1
V = 0.5 V
1
CC
Input À, B
Output Y
GND
V
OL
V
OH
V
CC
V
1
V
1
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
CC
V
I
V
O
C
L
R
L
R
T
Termination resistance RT -
should be equal to ZOUT pulse
generators


Similar Part No. - IZ74LV08

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74LV00 INTEGRAL-IZ74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IZ74LV02 INTEGRAL-IZ74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IZ74LV04 INTEGRAL-IZ74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
More results

Similar Description - IZ74LV08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com