Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV74 Datasheet(PDF) 2 Page - Integral Corp.

Part No. IN74LV74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV74 Datasheet(HTML) 2 Page - Integral Corp.

  IN74LV74 Datasheet HTML 1Page - Integral Corp. IN74LV74 Datasheet HTML 2Page - Integral Corp. IN74LV74 Datasheet HTML 3Page - Integral Corp. IN74LV74 Datasheet HTML 4Page - Integral Corp. IN74LV74 Datasheet HTML 5Page - Integral Corp. IN74LV74 Datasheet HTML 6Page - Integral Corp. IN74LV74 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IN74LV74
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.5 to +5.0
V
IIK *
1
Input diode current
±20
mA
IOK *
2
Output diode current
±50
mA
IO *
3
Output source or sink current
±35
mA
ICC
VCC current
±70
mA
IGND
GND current
±70
mA
PD
Power dissipation per package:
Plastic DIP *
4
SO *
4
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1.5 mm (Plastic DIP Package), 0.3 mm (SO
Package) from Case for 4 Seconds
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
*
1
VI < -0.5 V or VI > VCC + 0.5 V.
*
2
VO < -0.5 V or VO > VCC + 0.5 V.
*
3
-0.5 V < VO < VCC + 0.5 V.
*
4 Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SO Package: - 8 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.2
3.6
V
VI
DC Input Voltage
0
VCC
V
VO
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time except for Schmitt-
trigger inputs (Figure 1)
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
0
0
0
1000
700
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must b e left open.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn