Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV74 Datasheet(PDF) 7 Page - Integral Corp.

Part No. IN74LV74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV74 Datasheet(HTML) 7 Page - Integral Corp.

  IN74LV74 Datasheet HTML 1Page - Integral Corp. IN74LV74 Datasheet HTML 2Page - Integral Corp. IN74LV74 Datasheet HTML 3Page - Integral Corp. IN74LV74 Datasheet HTML 4Page - Integral Corp. IN74LV74 Datasheet HTML 5Page - Integral Corp. IN74LV74 Datasheet HTML 6Page - Integral Corp. IN74LV74 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IN74LV74
7
INTEGRAL
CHIP PAD DIAGRAM
Location of marking (mm): left lower corner x=0.520, y=0.865.
Chip thickness: 0.46
± 0.02 mm.
PAD LOCATION
Location (left lower corner), mm
Pad No
Symbol
X
Y
Pad size, mm
01
Reset 1
0.118
0.436
0.108 x 0.108
02
Data 1
0.118
0.125
0.108 x 0.108
03
Clock 1
0.286
0.125
0.108 x 0.108
04
Set 1
0.597
0.125
0.108 x 0.108
05
Q 1
0.895
0.125
0.108 x 0.108
06
Q 1
1.100
0.125
0.108 x 0.108
07
GND
1.100
0.423
0.108 x 0.108
08
Q 2
1.100
0.721
0.108 x 0.108
09
Q 2
1.100
0.930
0.108 x 0.108
10
Set 2
0.851
0.949
0.108 x 0.108
11
Clock 2
0.540
0.949
0.108 x 0.108
12
Data 2
0.297
0.949
0.108 x 0.108
13
Reset 2
0.118
0.830
0.108 x 0.108
14
VCC
0.118
0.604
0.108 x 0.108
Note: Pad location is given as per metallization layer
02
01
04
03
06
05
08
07
10
09
12
11
14
13
Chip marking
25LV74
(0,0)
X
Y
1.32 + 0.03


Similar Part No. - IN74LV74

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LV00 INTEGRAL-IN74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00D INTEGRAL-IN74LV00D Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00N INTEGRAL-IN74LV00N Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV02 INTEGRAL-IN74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02D INTEGRAL-IN74LV02D Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
More results

Similar Description - IN74LV74

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz