Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV04N Datasheet(PDF) 5 Page - Integral Corp.

Part # IN74LV04N
Description  HEX INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV04N Datasheet(HTML) 5 Page - Integral Corp.

  IN74LV04N Datasheet HTML 1Page - Integral Corp. IN74LV04N Datasheet HTML 2Page - Integral Corp. IN74LV04N Datasheet HTML 3Page - Integral Corp. IN74LV04N Datasheet HTML 4Page - Integral Corp. IN74LV04N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IN74LV04
5
CHIP PAD DIAGRAM IZ74LV04
Pad size 0.108 x 0.108 mm (Pad size is given as per metallization layer)
Thickness of chip 0.46
± 0,02 mm
PAD LOCATION
Pad No
Symbol
X
Y
01
А1
0.111
0.228
02
Y1
0.333
0.111
03
A2
0.600
0.111
04
Y2
0.770
0.111
05
A3
1.006
0.111
06
Y3
1.138
0.293
07
GND
1.138
0.477
08
Y4
1.138
0.786
09
A4
1.006
0.970
10
Y5
0.771
0.970
11
A5
0.600
0.970
12
Y6
0.332
0.970
13
A6
0.111
0.855
14
Vcc
0.111
0.619
01
02
03
04
05
06
07
08
09
10
11
12
13
14
1.35 0.03
±
Chip marking
25LV04
(x=0.127; y=0.580
)


Similar Part No. - IN74LV04N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV00 INTEGRAL-IN74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00D INTEGRAL-IN74LV00D Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00N INTEGRAL-IN74LV00N Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV02 INTEGRAL-IN74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02D INTEGRAL-IN74LV02D Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
More results

Similar Description - IN74LV04N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com