Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV02D Datasheet(PDF) 2 Page - Integral Corp.

Part No. IN74LV02D
Description  QUAD 2-INPUT NOR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV02D Datasheet(HTML) 2 Page - Integral Corp.

  IN74LV02D Datasheet HTML 1Page - Integral Corp. IN74LV02D Datasheet HTML 2Page - Integral Corp. IN74LV02D Datasheet HTML 3Page - Integral Corp. IN74LV02D Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IN74LV02
2
Absolute maximum ratings*
Symbol
Parameter
Value
Unit
VCC
Supply voltage
from -0.5 to
+5.0
V
IIK *
1
Input diode current
±20
mA
IOK *
2
Output diode current
±50
mA
IO *
3
Output current source-drain
±25
mA
ICC
Supply output current
±50
mA
IGND
Common output current
±50
mA
PD
Dissipation power at free air change,
Plastic
DIP
*4
SOIC *4
750
500
mW
Tstg
Storage temperature
from -65 to
+150
°C
TL
260
°C
* Under absolute maximum conditions operation of microcircuits is not guaranteed.
Operation under maximum conditions is guaranteed.
*1 If VI < -0.5V or VI > VCC + 0.5 V.
*2 If VO < -0.5V or VO > VCC + 0.5 V.
*3 If -0.5V < VO < VCC + 0.5 V.
*4 Under operation in the temperature range from 65
°С to 125°C value of dissipation
power drops down - to 12 mW/
°C for Plastic DIP
- to 8 mW/
°C for SOIC
Maximum conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.2
5.5
V
VIN
Input voltage
0
VCC
V
VOUT
Output voltage
0
VCC
V
TA
Operation temperature. For all packages
-40
125
°C
1.0
≤ VCC < 1.2 В
0
500
2.0
≤ VCC < 2.7 В
200
2.7
≤ VCC < 3.6 В
100
tLH, tHL
Period of signal rise and
fall edges (Figure 1)
3.6
≤ VCC ≤ 5.5 В
50
ns


Similar Part No. - IN74LV02D

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LV00 INTEGRAL-IN74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00D INTEGRAL-IN74LV00D Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00N INTEGRAL-IN74LV00N Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV04 INTEGRAL-IN74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IN74LV04D INTEGRAL-IN74LV04D Datasheet
129Kb / 5P
   HEX INVERTER
More results

Similar Description - IN74LV02D

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
Integral Corp.
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
Hitachi Semiconductor
Hitachi Semiconductor
HD74AC02 HITACHI-HD74AC02 Datasheet
43Kb / 7P
   Quad 2-Input NOR Gate
STMicroelectronics
STMicroelectronics
HCF4001B STMICROELECTRONICS-HCF4001B Datasheet
110Kb / 8P
   QUAD 2-INPUT NOR GATE
March 2004
Fairchild Semiconductor
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02 Datasheet
99Kb / 7P
   Quad 2-Input NOR Gate
STMicroelectronics
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
   QUAD 2-INPUT NOR GATE
Toshiba Semiconductor
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP Datasheet
192Kb / 5P
   QUAD 2 INPUT NOR GATE
Fairchild Semiconductor
Fairchild Semiconductor
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
   Quad 2-Input NOR Gate
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
ON Semiconductor
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
   Quad 2-Input NOR Gate
1996 REV 5
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz