Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV02D Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74LV02D
Description  QUAD 2-INPUT NOR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV02D Datasheet(HTML) 3 Page - Integral Corp.

  IN74LV02D Datasheet HTML 1Page - Integral Corp. IN74LV02D Datasheet HTML 2Page - Integral Corp. IN74LV02D Datasheet HTML 3Page - Integral Corp. IN74LV02D Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74LV02
3
DC electrical characteristics
Value
25
°C
-40oC to
85 oC
-40 oC to
125 oC
Sym
bol
Parameter
Test conditions
VCC,
V
min max min max min max
Unit
VIH High
level
input
voltage
VO = VCC-0.1 V
1.2
2.0
2.7
3.0
3.6
4.5
5.5
0.9
1.4
2.0
2.0
2.0
3.15
3.85
-
-
-
-
-
-
-
0.9
1.4
2.0
2.0
2.0
3.15
3.85
-
-
-
-
-
-
-
0.9
1.4
2.0
2.0
2.0
3.15
3.85
-
-
-
-
-
-
-
V
VIL Low
level
input
voltage
VO =0.1 B
1.2
2.0
2.7
3.0
3.6
4.5
5.5
-
-
-
-
-
-
-
0.3
0.6
0.8
0.8
0.8
4.35
5.35
-
-
-
-
-
-
-
0.3
0.6
0.8
0.8
0.8
4.35
5.35
-
-
-
-
-
-
-
0.3
0.6
0.8
0.8
0.8
4.35
5.35
V
VOH High
level
output
voltage
VI = VIH or VIL
IO = -100 uA
1.2
2.0
2.7
3.0
3.6
4.5
5.5
1.05
1.85
2.55
2.85
3.45
4.35
5.35
-
-
-
-
-
-
-
1.0
1.8
2.5
2.8
3.4
4.3
5.3
-
-
-
-
-
-
-
1.0
1.8
2.5
2.8
3.4
4.3
5.3
-
-
-
-
-
-
-
V
VI = VIH or VIL;
IO = -6 mA
3.0 2.48
-
2.40
-
2.20
-
V
VI = VIH or VIL;
IO = -12 mA
4.5 3.70
-
3.60
-
3.50
-
V
VOL Low
level
output
voltage
VI = VIH or VIL
IO = 100 uA
1.2
2.0
2.7
3.0
3.6
4.5
5.5
-
-
-
-
-
-
-
0.15
0.15
0.15
0.15
0.15
0.15
0.15
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
0.2
0.2
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
0.2
0.2
V
VI = VIH or VIL; IO
= 6 mA
3.0
-
0.33
-
0.4
-
0.5
V
VI = VIH or VIL; IO
= 12 mA
4.5
-
0.40
-
0.55
-
0.65
V
II
Input current
VI = VCC or 0 V
5.5
-
±0.1
-
±1.0
-
±1.0
uA
ICC Consumption current VI =VCC or 0 V
IO = 0 uA
5.5
-
8.0
-
80
-
160
uA
ICC1 Additional
input
consumption current
VI =VCC –0.6 V;
IO = 0 uA
5.5
-
8.0
-
80
-
160
uA


Similar Part No. - IN74LV02D

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LV00 INTEGRAL-IN74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00D INTEGRAL-IN74LV00D Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00N INTEGRAL-IN74LV00N Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV04 INTEGRAL-IN74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IN74LV04D INTEGRAL-IN74LV04D Datasheet
129Kb / 5P
   HEX INVERTER
More results

Similar Description - IN74LV02D

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
Integral Corp.
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
Hitachi Semiconductor
Hitachi Semiconductor
HD74AC02 HITACHI-HD74AC02 Datasheet
43Kb / 7P
   Quad 2-Input NOR Gate
STMicroelectronics
STMicroelectronics
HCF4001B STMICROELECTRONICS-HCF4001B Datasheet
110Kb / 8P
   QUAD 2-INPUT NOR GATE
March 2004
Fairchild Semiconductor
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02 Datasheet
99Kb / 7P
   Quad 2-Input NOR Gate
STMicroelectronics
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
   QUAD 2-INPUT NOR GATE
Toshiba Semiconductor
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP Datasheet
192Kb / 5P
   QUAD 2 INPUT NOR GATE
Fairchild Semiconductor
Fairchild Semiconductor
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
   Quad 2-Input NOR Gate
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
ON Semiconductor
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
   Quad 2-Input NOR Gate
1996 REV 5
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz