Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV00 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74LV00
Description  Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV00 Datasheet(HTML) 1 Page - Integral Corp.

  IN74LV00 Datasheet HTML 1Page - Integral Corp. IN74LV00 Datasheet HTML 2Page - Integral Corp. IN74LV00 Datasheet HTML 3Page - Integral Corp. IN74LV00 Datasheet HTML 4Page - Integral Corp. IN74LV00 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
1
INTEGRAL
Quad 2-Input NAND Gate
The IN74LV00 is low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT00A.
The IN74LV00 provides the 2-Input NAND function.
• Optimized for Low Voltage applications: 1.2 to 3.6 V
• Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
• Low Input Current
IN74LV00
ORDERING INFORMATION
IN74LV00N
Plastic
IN74LV00D
SOIC
IZ74LV00
Chip
TA = -40
° ? 125° C for all packages
LOGIC DIAGRAM
02
1A
1B
1Y
01
03
05
2A
2B
2Y
04
06
10
3A
3B
3Y
09
08
13
4A
4B
4Y
12
11
PIN 14 =VCC
PIN 7 = GND
FUNCTION TABLE
Input
Output
A
B
B
*
A
Y
=
L
L
H
L
H
H
H
L
H
H
H
L
H - high level
L - low level
PIN ASSIGNMENT


Similar Part No. - IN74LV00

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LV02 INTEGRAL-IN74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02D INTEGRAL-IN74LV02D Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02N INTEGRAL-IN74LV02N Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV04 INTEGRAL-IN74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IN74LV04D INTEGRAL-IN74LV04D Datasheet
129Kb / 5P
   HEX INVERTER
More results

Similar Description - IN74LV00

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
STMicroelectronics
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
Toshiba Semiconductor
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
National Semiconductor (TI)
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
NXP Semiconductors
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz