Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV00 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74LV00
Description  Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV00 Datasheet(HTML) 3 Page - Integral Corp.

  IN74LV00 Datasheet HTML 1Page - Integral Corp. IN74LV00 Datasheet HTML 2Page - Integral Corp. IN74LV00 Datasheet HTML 3Page - Integral Corp. IN74LV00 Datasheet HTML 4Page - Integral Corp. IN74LV00 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74LV00
3
INTEGRAL
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC,
Guaranteed Limit
V
25
°C
-40
°C ÷ 85°C
-40
°C ÷
125
°C
Symbol
Parameter
Test Conditions
min
max
min
max
min
max
Unit
VIH
High-Level Input
Voltage
1.2
2.0
3.0
3.6
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
V
VIL
Low -Level Input
Voltage
1.2
2.0
3.0
3.6
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
V
VI = VIL or VIH
IO = -50
µÀ
1.2
2.0
3.0
3.6
1.1
1.92
2.92
3.52
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
V
VOH
High-Level Output
Voltage
VI = VIL or VIH
IO = -6.0 mÀ
3.0
2.48
-
2.34
-
2.20
-
V
VI = VIL or VIH
IO = 50
µÀ
1.2
2.0
3.0
3.6
-
-
-
-
0.09
0.09
0.09
0.09
-
-
-
-
0.1
0.1
0.1
0.1
-
-
-
-
0.1
0.1
0.1
0.1
V
VOL
Low-Level Output
Voltage
VI = VIL or VIH
IO = 6.0 mÀ
3.0
-
0.33
-
0.4
-
0.5
V
IIL
Low-Level Input
Leakage Current
VI = 0 V
3.6
-
-0.1
-
-1.0
-
-1.0
µA
I
High-Level Input
Leakage Current
VI = VCC
3.6
-
0.1
-
1.0
-
1.0
µA
IÑÑ
Quiescent Supply
Current
(per Package)
VI = 0 Â or VCC
IO = 0
µÀ
3.6
-
2.0
-
20
-
40
µA


Similar Part No. - IN74LV00

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LV02 INTEGRAL-IN74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02D INTEGRAL-IN74LV02D Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02N INTEGRAL-IN74LV02N Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV04 INTEGRAL-IN74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IN74LV04D INTEGRAL-IN74LV04D Datasheet
129Kb / 5P
   HEX INVERTER
More results

Similar Description - IN74LV00

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
STMicroelectronics
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
Toshiba Semiconductor
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
National Semiconductor (TI)
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
NXP Semiconductors
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz