Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN7406 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN7406
Description  Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN7406 Datasheet(HTML) 1 Page - Integral Corp.

  IN7406 Datasheet HTML 1Page - Integral Corp. IN7406 Datasheet HTML 2Page - Integral Corp. IN7406 Datasheet HTML 3Page - Integral Corp. IN7406 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
1
INTEGRAL
Hex Inverter Buffers/Drivers with
Open-Collector High-Voltage
Outputs
The IN7406 monolithic TTL hex inverter buffers/drivers feature
high-voltage open collector outputs for interfacing with high-level
circuits (such as MOS) or for driving high-current loads (such as lamps
or relays), and are also characterized for use as inverter buffers for
driving TTL inputs.
Minimum breakdown Voltages is 30 V
Maximum sink Current is 40 mÀ
Converts TTL Voltage Levels to MOS Levels
Open-Collector Driver for Indicator Lamps and Relays
Inputs Fully Compatible with MOST TTL Circuits.
IN7406
ORDERING INFORMATION
IN7406N
Plastic
IN7406D SOIC
IZ7406
Chip
TA = -10
° to 70° C
for all packages
LOGIC DIAGRAM
Y = A
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
Y
L
Z
H
L
Z = High Impedance


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn