Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1829002 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1829002
Description  GIC 2,5/11-ST-7,62
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1829002 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1829002 Datasheet HTML 1Page - PHOENIX CONTACT 1829002 Datasheet HTML 2Page - PHOENIX CONTACT 1829002 Datasheet HTML 3Page - PHOENIX CONTACT 1829002 Datasheet HTML 4Page - PHOENIX CONTACT 1829002 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GIC 2,5/11-ST-7,62 Order No.: 1828896
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1828896
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Jan 25, 2011
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Technical data
Range of articles
GIC 2,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
400 V
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class acc. to UL 94
V0
Internal cylindrical gage
A3
Stripping length
7 mm
Nominal voltage, UL/CUL Use Group B
250 V
Nominal current, UL/CUL Use Group B
12 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
10 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
2.5 mm²


Similar Part No. - 1829002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1829015 PHOENIX-1829015 Datasheet
145Kb / 5P
   GMSTBV 2,5/12-G-7,62
logo
Chicago Miniature Lamp,...
18290350 CML-18290350 Datasheet
264Kb / 1P
   MultiLEDs T31/4 (10x21mm) BA9s 8-Chip-LED
18290350 CML-18290350 Datasheet
263Kb / 1P
   MultiLEDs T31/4 (10x21mm) E10 8-Chip-LED
18290351 CML-18290351 Datasheet
264Kb / 1P
   MultiLEDs T31/4 (10x21mm) BA9s 8-Chip-LED
18290351 CML-18290351 Datasheet
263Kb / 1P
   MultiLEDs T31/4 (10x21mm) E10 8-Chip-LED
More results

Similar Description - 1829002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1745632 PHOENIX-1745632 Datasheet
124Kb / 8P
   Plug - GIC 2,5 HCV/ 3-ST-7,62
09/12/2020
1828854 PHOENIX-1828854 Datasheet
886Kb / 17P
   GIC 2,5/ 7-ST-7,62 - PCB connector
1745661 PHOENIX-1745661 Datasheet
588Kb / 13P
   GIC 2,5 HCV/ 6-ST-7,62 - PCB connector
1745878 PHOENIX-1745878 Datasheet
77Kb / 4P
   Base strip - GIC 2,5 HC/11-G-7,62
1745629 PHOENIX-1745629 Datasheet
595Kb / 13P
   PCB connector - GIC 2,5 HCV/ 2-ST-7,62
1745674 PHOENIX-1745674 Datasheet
587Kb / 13P
   GIC 2,5 HCV/ 7-ST-7,62 - PCB connector
1745645 PHOENIX-1745645 Datasheet
591Kb / 13P
   GIC 2,5 HCV/ 4-ST-7,62 - PCB connector
1828906 PHOENIX-1828906 Datasheet
76Kb / 5P
   Printed-circuit board connector - GIC 2,5/12-ST-7,62
1828825 PHOENIX-1828825 Datasheet
99Kb / 7P
   Printed-circuit board connector - GIC 2,5/ 4-ST-7,62
1828867 PHOENIX-1828867 Datasheet
74Kb / 5P
   Printed-circuit board connector - GIC 2,5/ 8-ST-7,62
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com