Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TL071C Datasheet(PDF) 5 Page - ON Semiconductor

Part No. TL071C
Description  LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL071C Datasheet(HTML) 5 Page - ON Semiconductor

  TL071C Datasheet HTML 1Page - ON Semiconductor TL071C Datasheet HTML 2Page - ON Semiconductor TL071C Datasheet HTML 3Page - ON Semiconductor TL071C Datasheet HTML 4Page - ON Semiconductor TL071C Datasheet HTML 5Page - ON Semiconductor TL071C Datasheet HTML 6Page - ON Semiconductor TL071C Datasheet HTML 7Page - ON Semiconductor TL071C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TL071C,AC TL072C,AC TL074C,AC
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 9. Large Signal Voltage Gain and
Phase Shift versus Frequency
Figure 10. Large Signal Voltage Gain
versus Temperature
Figure 11. Normalized Slew Rate
versus Temperature
Figure 12. Equivalent Input Noise Voltage
versus Frequency
Figure 13. Total Harmonic Distortion
versus Frequency
f, FREQUENCY (Hz)
106
105
104
103
101
102
1.0
1.0
10
100
1.0 k
10 k
100 k 1.0 M
10 M
Gain
Phase Shift
VCC/VEE = ±15 V
RL = 2.0 k
TA = 25°C
VCC/VEE = ±15 V
VO = ±10 V
RL = 2.0 k
TA, AMBIENT TEMPERATURE (°C)
1000
100
10
1.0
–50
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
1.15
1.10
1.05
1.0
0.95
0.90
0.85
–50
–25
0
25
50
75
100
125
f, FREQUENCY (Hz)
60
50
40
30
20
10
0
0.01
0.05 0.1
0.5 1.0
5.0 10
50 100
VCC/VEE = ±15 Vdc
AV = 10
RS = 100 Ω
TA = 25°C
VCC/VEE = ±15 V
AV = 1.0
VO = 6.0 V (RMS)
TA = 25°C
f, FREQUENCY (Hz)
1.0
0.5
0.1
0.05
0.01
0.005
0.001
0.1
0.5
1.0
5.0
10
50
100
0
°
45
°
90
°
135
°
180
°
107
108
100 M
–75
–100
150
1.20
0.80
–75
70


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn