Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL064 Datasheet(PDF) 7 Page - ON Semiconductor

Part # TL064
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL064 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TL064 Datasheet HTML 3Page - ON Semiconductor TL064 Datasheet HTML 4Page - ON Semiconductor TL064 Datasheet HTML 5Page - ON Semiconductor TL064 Datasheet HTML 6Page - ON Semiconductor TL064 Datasheet HTML 7Page - ON Semiconductor TL064 Datasheet HTML 8Page - ON Semiconductor TL064 Datasheet HTML 9Page - ON Semiconductor TL064 Datasheet HTML 10Page - ON Semiconductor TL064 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TL062 TL064
7
MOTOROLA ANALOG IC DEVICE DATA
C3
2
1
2
π R1 C1
Figure 19. AC Amplifier
Figure 20. High–Q Notch Filter
Figure 21. Instrumentation Amplifier
Figure 22. 0.5 Hz Square–Wave Oscillator
Figure 23. Audio Distribution Amplifier
+
1/2
TL062
5
1
250 k
10 k
50
VCC
Output
1.0 M
0.1
µF
Inputs
10 k
10 k
0.1
µF
VCC
VEE
Output
R2
R1
C3
R3
C2
C1
Input
R1 = R2 = 2R3 = 1.5 M
C1 = C2 =
= 110 pF
fo =
= 1.0 kHz
+
+
TL064
Input A
10 k
0.1%
VCC
Output
VCC
VCC
VCC
VEE
VEE
VEE
VEE
+
+
+
TL064
TL064
TL064
Input B
100 k
10 k
0.1%
10 k
0.1%
10 k
0.1%
100 k
100
1.0
M
1
CF = 3.3 µF
RF = 100 kΩ
+15 V
+
–15 V
9.1 k
f =
1.0 k
3.3 k
3.3 k
+
TL064
VCC
1.0 M
100 k
VCC
100
µF
VCC
VCC
VCC
1.0
µF
Input
Output A
Output B
Output C
+
+
+
TL064
TL064
TL064
100 k
100 k
100 k
100 k
1/2
TL062
1/2
TL062
2
π RF CF


Similar Part No. - TL064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064 TI-TL064 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
237Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064 TI-TL064 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064 TI-TL064 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com