Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL34120191000FKEF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PL34120191000FKEF
Description  Plastic Leadless Chip Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL34120191000FKEF Datasheet(HTML) 1 Page - Vishay Siliconix

  PL34120191000FKEF Datasheet HTML 1Page - Vishay Siliconix PL34120191000FKEF Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
137
PL340, 341, 342
Vishay Thin Film
Document Number: 61066
Revision 14-Nov-02
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
Plastic Leadless Chip Carrier
FEATURES
The Vishay Thin Film PL340 series of precision resistor
networks in 20 pin J-lead chip carriers provide the largest
number of resistors in a single surface mount package. In
addition to providing excellent TCR tracking and long-term
stability within a large multi-resistor network, costs are
minimized.
These devices are suitable for all industrial
applications as well as in military applications where plastic
packaging is acceptable. Custom configurations, values, and
tolerance combinations are available with fast turnaround.
STANDARD CONFIGURATIONS
Resistance Range
500
Ω to 100K
Absolute Resistance Tolerance
1% to 0.05%
Resistance Ratio Tolerance (Reference Resistor on Pin 1)
0.1% to 0.05%
Absolute TCR
± 50ppm standard
Ratio TCR
± 5ppm standard
Absolute Resistor Stability
1000ppm/2000hours @ 70
°C
Ratio Resistor Stability
300ppm/2000hours @ 70
°C
Package Power Dissipation
500mW/ 70
°C
Operating Temperature Range
- 40
°C to + 85°C, - 55°C to + 125°C
PRODUCT CAPABILITIES
PL340
Number of Resistors
10
Number of Leads
20
Type Connection
Isolated
Values Available
500
Ω - 100KΩ
PL341
Number of Resistors
19
Number of Leads
20
Type Connection
Series
Values Available
500
Ω - 100KΩ
PL342
Number of Resistors
19
Number of Leads
20
Type Connection
Common
Values Available
500
Ω - 100KΩ
Product may not
be to scale
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
PL340
LC140
PL341
LC141
PL342
LC142


Similar Part No. - PL34120191000FKEF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Dongguan City Niuhang E...
PL34A NIUHANG-PL34A Datasheet
277Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
More results

Similar Description - PL34120191000FKEF

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
   Leadless Chip Carrier Package
logo
Analog Devices
HMC557A AD-HMC557A Datasheet
348Kb / 23P
   24-terminal ceramic leadless chip carrier package
logo
National Semiconductor ...
MKT-E32B NSC-MKT-E32B Datasheet
31Kb / 1P
   LEADLESS CHIP CARRIER, TYPE C, 32 TERMINAL
logo
KODENSHI_AUK CORP.
KP3014R64A1B KODENSHI-KP3014R64A1B Datasheet
147Kb / 5P
   Plastic leaded chip carrier
KP3014Y59A1B KODENSHI-KP3014Y59A1B Datasheet
148Kb / 5P
   Plastic leaded chip carrier
KP3020BSKA2C-GD KODENSHI-KP3020BSKA2C-GD Datasheet
172Kb / 5P
   Plastic leaded chip carrier
KP3020W8AA2C KODENSHI-KP3020W8AA2C Datasheet
142Kb / 5P
   Plastic leaded chip carrier
logo
List of Unclassifed Man...
PLCC28 ETC1-PLCC28 Datasheet
48Kb / 1P
   PLASTIC LEADED CHIP CARRIER
logo
KODENSHI_AUK CORP.
KP3020BSKA2C-LM2 KODENSHI-KP3020BSKA2C-LM2 Datasheet
179Kb / 5P
   Plastic leaded chip carrier
KP3014W00A1B KODENSHI-KP3014W00A1B Datasheet
136Kb / 6P
   Plastic leaded chip carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com