Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5020-BM Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SI5020-BM
Description  SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI5020-BM Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI5020-BM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 14Page - List of Unclassifed Manufacturers SI5020-BM Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Si5020
Preliminary Rev. 0.8
11
Forward Error Correction (FEC)
The Si5020 supports FEC in SONET OC-48 (SDH
STM-16) applications for data rates up to 2.7 Gbps. In
FEC applications, the appropriate reference clock
frequency is determined by dividing the input data rate
by 16, 32, or 128. For example, if an FEC code is used
that produces a 2.70 Gbps data rate, the required
reference clock would be 168.75 MHz, 84.375 MHz, or
21.09 MHz.
Lock Detect
The Si5020 provides lock-detect circuitry that indicates
whether the PLL has achieved frequency lock with the
incoming data. The circuit compares the frequency of a
divided down version of the recovered clock with the
frequency of the supplied reference clock (REFCLK). If
the recovered clock frequency deviates from that of the
reference clock by the amount specified in Table 4 on
page 8, the PLL is declared out of lock, and the loss-of-
lock (LOL) pin is asserted “high.” In this state, the
DSPLL will periodically try to reacquire lock with the
incoming
data
stream.
During
reacquisition,
the
recovered clock, CLKOUT, will drift over a ±600 ppm
range relative to the supplied reference clock. The LOL
output will remain asserted until the recovered clock
frequency is within the REFCLK frequency by the
amount specified in Table 4.
Note: LOL is not asserted during PWRDN/CAL.
PLL Performance
The PLL implementation used in the Si5020 is fully
compliant with the jitter specifications proposed for
SONET/SDH equipment by Bellcore GR-253-CORE,
Issue 2, December 1995 and ITU-T G.958.
Jitter Tolerance
The Si5020’s tolerance to input jitter exceeds that of the
Bellcore/ITU mask shown in Figure 6. This mask
defines the level of peak-to-peak sinusoid jitter that
must be tolerated when applied to the differential data
input of the device.
Note: There are no entries in the mask table for the data rate
corresponding to OC-24 as that rate is not specified by
either GR-253 or G.958.
Figure 6. Jitter Tolerance Specification
Jitter Transfer
The Si5020 is fully compliant with the relevant Bellcore/
ITU specifications related to SONET/SDH jitter transfer.
Jitter transfer is defined as the ratio of output signal jitter
to input signal jitter as a function of jitter frequency (see
Figure 7). These measurements are made with an input
test signal that is degraded with sinusoidal jitter whose
magnitude is defined by the mask in Figure 6.
Jitter Generation
The Si5020 exceeds all relevant specifications for jitter
generation proposed for SONET/SDH equipment. The
jitter generation specification defines the amount of jitter
that may be present on the recovered clock and data
outputs when a jitter free input signal is provided. The
Si5020 typically generates less than 3.0 mUI rms of
jitter when presented with jitter-free input data.
Sinusoidal
Input
Jitter (UI p-p)
15
1.5
0.15
f0
f1
f2
f3
ft
SONET
Data Rate
F0
(Hz)
F1
(Hz)
F2
(Hz)
F3
(kHz)
Ft
(kHz)
OC-48
10
600
6000
100
1000
OC-12
10
30
300
25
250
OC-3
10
30
300
6.5
65
Frequency
Slope = 20 dB/Decade


Similar Part No. - SI5020-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5020-EVB SILABS-SI5020-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
More results

Similar Description - SI5020-BM

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com