Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ1117CM-2.5V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ1117CM-2.5V
Description  1 Amp Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ1117CM-2.5V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ1117CM-2.5V Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ1117CM-2.5V Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ1117CM-2.5V Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ1117CM-2.5V Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ1117CM-2.5V Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ1117CM-2.5V Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJ1117
1 Amp Low Dropout Positive Voltage Regulator
2-6
2002.rev.A
Unless otherwise specified, Adjust VIN = 2.75V to 12V and Adjust Io = 10mA to 1.0A
Fixed
VIN = 4.75V to 12V and Fixed Io = 10mA to 1.0A
(For Fixed 5.0V Output Version ,VIN = 7.5V to 12V )
Test Conditions
Test Limits
Parameter
Symbol
VIN -VOUT
IO
TJ
(4)
Min
Typ
Max
Units
5V
10mA
25
0.99|Vo|
1.01|Vo|
Output Voltage(1)
Fixed Voltage
Vo
Over Temp.
0.98|Vo|
Vo
1.02|Vo|
5V
10mA
25
1.238
1.262
Reference Voltage(1)
Adj Voltage
VREF
Over Temp.
1.225
1.250
1.275
V
25
0.015
Line Regulation(1)
(Vin-Vout=3V)
REG(LINE)
10mA
Over Temp.
0.035
0.2
25
0.05
0.3
Load Regulation(1)
(Vin-Vout=3V)
REG(LOAD)
Over Temp.
0.2
0.4
%
25
1
Dropout Voltage
Δ
VREF =1%
VD
1.1
1.3
V
Current Limit
(Vin-Vout=5V)
IcL
1.0
1.1
A
Quiescent Current
Fixed Model
IQ
5V
12
14
mA
Temperature Coefficient
Tc
Over Temp.
0.005
/℃
25
55
Adjust Pin Current
IADJ
120
Adjust Pin Current Change
Δ
IADJ
0.2
5
μ
A
Temperature Stability
Ts
5V
500mA
0.5
%
Minimum Load Current
Adjust Model
Io
5V
Over Temp.
5
10
mA
RMS Output Noise(2)
VN
25
0.003
%Vo
Ripple Rejection Ratio(3)
RA
5V
1.0A
Over Temp.
60
72
dB
(1)Low duty cycle pulse testing with Kelvin connections required.
(2)Bandwidth of 10Hz to 10KHz.
(3)120Hz input ripple (CADJ for ADJ) =25μF .
(4)Over Temp.-over specified operating junction temperature range.
ELECTRICAL CHARACTERISTICS


Similar Part No. - PJ1117CM-2.5V

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ1-021 CUI-PJ1-021 Datasheet
253Kb / 3P
   DC POWER JACK
PJ1-021-SMT CUI-PJ1-021-SMT Datasheet
304Kb / 3P
   DC POWER JACK
PJ1-021-SMT-TR CUI-PJ1-021-SMT-TR Datasheet
396Kb / 4P
   DC POWER JACK
PJ1-022 CUI-PJ1-022 Datasheet
294Kb / 3P
   DC POWER JACK
PJ1-022-SMT CUI-PJ1-022-SMT Datasheet
313Kb / 3P
   DC POWER JACK
More results

Similar Description - PJ1117CM-2.5V

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
PJ1082 ETC-PJ1082 Datasheet
278Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1585D SEMTECH-EZ1585D Datasheet
90Kb / 4P
   6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com