Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKKH15 Datasheet(PDF) 2 Page - Semikron International

Part # SKKH15
Description  Thyristor / Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKKH15 Datasheet(HTML) 2 Page - Semikron International

  SKKH15 Datasheet HTML 1Page - Semikron International SKKH15 Datasheet HTML 2Page - Semikron International SKKH15 Datasheet HTML 3Page - Semikron International SKKH15 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 1L Power dissipation per thyristor vs. on-state current
Fig. 1R Power dissipation per thyristor vs. ambient temp.
Fig. 2L Power dissipation per module vs. rms current
Fig. 2R Power dissipation per module vs. case temp.
Fig. 3L Power dissipation of two modules vs. direct current
Fig. 3R Power dissipation of two modules vs. case temp.
SKKT 15, SKKH 15
2
21-10-2004 CAS
© by SEMIKRON


Similar Part No. - SKKH15

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKH15 SEMIKRON-SKKH15 Datasheet
363Kb / 4P
   Thyristor / Diode Modules
SKKH15/04D SEMIKRON-SKKH15/04D Datasheet
363Kb / 4P
   Thyristor / Diode Modules
SKKH15/06D SEMIKRON-SKKH15/06D Datasheet
363Kb / 4P
   Thyristor / Diode Modules
SKKH15/08D SEMIKRON-SKKH15/08D Datasheet
363Kb / 4P
   Thyristor / Diode Modules
SKKH15/12E SEMIKRON-SKKH15/12E Datasheet
363Kb / 4P
   Thyristor / Diode Modules
More results

Similar Description - SKKH15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com