Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ1117 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PJ1117
Description  1 Amp Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ1117 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PJ1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PJ1117
1 Amp Low Dropout Positive Voltage Regulator
6-6
2002.rev.A
TO-252 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.57
6.84
0.259
0.269
B
9.25
10.40
0.364
0.409
C
0.62
0.76
0.024
0.030
D
2.56
2.67
0.101
0.105
E
2.30
2.39
0.090
0.094
F
0.49
0.57
0.019
0.022
G
1.46
1.58
0.057
0.062
H
0.52
0.57
0.020
0.022
I
5.34
5.55
0.210
0.219
J
1.46
1.64
0.057
0.065
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.30
6.80
0.248
0.268
B
2.9
3.1
0.114
0.122
C
3.3
3.7
0.130
0.146
D
0.63
0.83
0.025
0.033
E
4.60
4.60
0.181
0.181
F
2.30
2.30
0.091
0.091
G
0.835
1.035
0.033
0.041
H
6.7
7.3
0.264
0.287
I
0.255
0.355
0.010
0.014
J
16°
16°
16°
16°
K
1.55
1.80
0.061
0.070
L
10°
10°
10°
10°
TO-252 Mechanical drawing
SOT-223 Mechanical drawing


Similar Part No. - PJ1117

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ1-021 CUI-PJ1-021 Datasheet
253Kb / 3P
   DC POWER JACK
PJ1-021-SMT CUI-PJ1-021-SMT Datasheet
304Kb / 3P
   DC POWER JACK
PJ1-021-SMT-TR CUI-PJ1-021-SMT-TR Datasheet
396Kb / 4P
   DC POWER JACK
PJ1-022 CUI-PJ1-022 Datasheet
294Kb / 3P
   DC POWER JACK
PJ1-022-SMT CUI-PJ1-022-SMT Datasheet
313Kb / 3P
   DC POWER JACK
More results

Similar Description - PJ1117

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
PJ1082 ETC-PJ1082 Datasheet
278Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1585D SEMTECH-EZ1585D Datasheet
90Kb / 4P
   6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com