Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-132 Datasheet(PDF) 3 Page - Moxa Inc.

Part # CA-132
Description  2-port RS-422/485 PC/104 modules with optional 2 kV isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

CA-132 Datasheet(HTML) 3 Page - Moxa Inc.

  CA-132 Datasheet HTML 1Page - Moxa Inc. CA-132 Datasheet HTML 2Page - Moxa Inc. CA-132 Datasheet HTML 3Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.moxa.com
3
MTBF
Time
536,288 hrs
Standards
Telcordia (Bellcore), GB
Warranty
Warranty Period
5 years
Details
See www.moxa.com/warranty
Package Contents
Device
1 x CA-132/132I Series PC/104 module
Documentation
1 x document and software CD
1 x quick installation guide
1 x warranty card
Ordering Information
Model Name
Serial Bus
Serial Standards
Serial Isolation Protection
Operating Temp.
CA-132
PC/104
RS-422/485
0 to 55°C
CA-132I
PC/104
RS-422/485
2 kV
0 to 55°C
CA-132-T
PC/104
RS-422/485
-40 to 85°C
CA-132I-T
PC/104
RS-422/485
2 kV
-40 to 85°C
© Moxa Inc. All rights reserved. Updated Mar 12, 2020.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.


Similar Part No. - CA-132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-130 ETC1-CA-130 Datasheet
632Kb / 18P
   Aluminium enclosures CA series
logo
Moxa Inc.
CA-134I MOXA-CA-134I Datasheet
312Kb / 3P
   4-port RS-422/485 PC/104 modules with 2 kV isolation
CA-134I-T MOXA-CA-134I-T Datasheet
312Kb / 3P
   4-port RS-422/485 PC/104 modules with 2 kV isolation
More results

Similar Description - CA-132

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
CA-134I MOXA-CA-134I Datasheet
312Kb / 3P
   4-port RS-422/485 PC/104 modules with 2 kV isolation
CB-134I MOXA-CB-134I Datasheet
298Kb / 3P
   4-port RS-422/485 PC/104-Plus modules with 2 kV isolation
CP-132EL MOXA-CP-132EL Datasheet
678Kb / 4P
   2-port RS-422/485 PCI Express boards with optional 2 kV isolation
logo
Advantech Co., Ltd.
PCM-3610 ADVANTECH-PCM-3610_15 Datasheet
386Kb / 1P
   2-port RS-422/485 PC/104 Module
logo
Moxa Inc.
CP-132UL MOXA-CP-132UL Datasheet
546Kb / 4P
   2-port RS-422/485 Universal PCI serial boards with optional 2 kV isolation
logo
Advantech Co., Ltd.
PCM-3610-12-14 ADVANTECH-PCM-3610-12-14 Datasheet
386Kb / 1P
   2-port RS-232/422/485 PC/104 Module
logo
Moxa Inc.
CP-112UL MOXA-CP-112UL Datasheet
966Kb / 3P
   2-port RS-232/422/485 Universal PCI serial boards with optional 2 kV isolation
CA-114 MOXA-CA-114 Datasheet
321Kb / 3P
   4-port RS-232/422/485 PC/104 modules
CB-602I MOXA-CB-602I Datasheet
486Kb / 3P
   2-port CAN interface PC/104-Plus modules with 2 kV isolation
CP-114EL MOXA-CP-114EL Datasheet
817Kb / 4P
   4-port RS-232/422/485 PCI Express boards with optional 2 kV isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com