Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3634 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part No. MAX3634
Description  622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3634 Datasheet(HTML) 8 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
622Mbps/1244Mbps Burst-Mode Clock Phase
Aligner for GPON OLT Applications
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
e
L
e
L
A1
A
A2
E/2
E
D/2
D
DETAIL A
D2/2
D2
b
L
k
E2/2
E2
(NE-1) X e
(ND-1) X e
e
CL
CL
CL
CL
k
DETAIL B
e
L
L1
PACKAGE OUTLINE
21-0144
2
1
E
32, 44, 48, 56L THIN QFN, 7x7x0.8mm
PACKAGE OUTLINE
21-0144
2
2
E
32, 44, 48, 56L THIN QFN, 7x7x0.8mm


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn