Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9S2808V0M Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9S2808V0M
Description  16M x 8 Bit SmartMedia Card
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9S2808V0M Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9S2808V0M Datasheet HTML 6Page - Samsung semiconductor K9S2808V0M Datasheet HTML 7Page - Samsung semiconductor K9S2808V0M Datasheet HTML 8Page - Samsung semiconductor K9S2808V0M Datasheet HTML 9Page - Samsung semiconductor K9S2808V0M Datasheet HTML 10Page - Samsung semiconductor K9S2808V0M Datasheet HTML 11Page - Samsung semiconductor K9S2808V0M Datasheet HTML 12Page - Samsung semiconductor K9S2808V0M Datasheet HTML 13Page - Samsung semiconductor K9S2808V0M Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
K9S2808V0M-SSB0
SmartMediaTM
10
SmartMedia Technical Notes (Continued)
Program Flow Chart
Start
I/O 6 = 1 ?
Write 00h
I/O 0 = 0 ?
No
*
If ECC is used, this verification
Write 80h
Write Address
Write Data
Write 10h
Read Status Register
Write Address
Wait for tR Time
Verify Data
No
Program Completed
or R/B = 1 ?
Program Error
Yes
No
Yes
*
Program Error
Yes
: If program operation results in an error, map out
the block including the page in error and copy the
target data to another block.
*
operation is not needed.
Error in write or read operation
Over its life time, the additional invalid blocks may develop with NAND Flash memory. Refer to the qualification report for the actual
data.The following possible failure modes should be considered to implement a highly reliable system. In the case of status read fail-
ure after erase or program, block replacement should be done. To improve the efficiency of memory space, it is recommended that
the read or verification failure due to single bit error be reclaimed by ECC without any block replacement. The said additional block
failure rate does not include those reclaimed blocks.
Failure Mode
Detection and Countermeasure sequence
Write
Erase Failure
Status Read after Erase --> Block Replacement
Program Failure
Status Read after Program --> Block Replacement
Read back ( Verify after Program) --> Block Replacement
or ECC Correction
Read
Single Bit Failure
Verify ECC -> ECC Correction
ECC
: Error Correcting Code --> Hamming Code etc.
Example) 1bit correction & 2bit detection


Similar Part No. - K9S2808V0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S2808V0B SAMSUNG-K9S2808V0B Datasheet
481Kb / 31P
   SmartMedia CARD
K9S2808V0C SAMSUNG-K9S2808V0C Datasheet
481Kb / 31P
   SmartMedia CARD
More results

Similar Description - K9S2808V0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S3208V0A SAMSUNG-K9S3208V0A Datasheet
353Kb / 26P
   4M x 8 bit SmartMedia Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
logo
Fujitsu Component Limit...
MBM29F016A FUJITSU-MBM29F016A Datasheet
458Kb / 43P
   16M (2M X 8) BIT
MBM29LV016T FUJITSU-MBM29LV016T Datasheet
600Kb / 52P
   16M (2M x 8) BIT
MBM29F017A FUJITSU-MBM29F017A Datasheet
469Kb / 47P
   16M (2M X 8) BIT
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
logo
Toshiba Semiconductor
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
logo
Winbond
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
   16M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com