Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100A Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # A42MX09-2TQ100A
Description  40MX and 42MX FPGA Families
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A42MX09-2TQ100A Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button A42MX09-2TQ100A Datasheet HTML 68Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 69Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 70Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 71Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 72Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 73Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 74Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 75Page - List of Unclassifed Manufacturers A42MX09-2TQ100A Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 123 page
background image
40MX and 42MX FPGA Families
1- 66
v6.0
Table 37 •
A42MX24 Timing Characteristics (Nominal 3.3V Operation)
(Worst-Case Commercial Conditions, VCCA = 3.0V, TJ = 70°C)
‘–3’ Speed
‘–2’Speed
‘–1’ Speed
‘Std’ Speed
‘–F’ Speed
Units
Parameter Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Logic Module Combinatorial Functions1
tPD
Internal Array Module Delay
2.0
1.8
2.1
2.5
3.4
ns
tPDD
Internal Decode Module Delay
1.1
2.2
2.5
3.0
4.2
ns
Logic Module Predicted Routing Delays2
tRD1
FO=1 Routing Delay
1.7
1.3
1.4
1.7
2.3
ns
tRD2
FO=2 Routing Delay
2.0
1.6
1.8
2.1
3.0
ns
tRD3
FO=3 Routing Delay
1.1
2.0
2.2
2.6
3.7
ns
tRD4
FO=4 Routing Delay
1.5
2.3
2.6
3.1
4.3
ns
tRD5
FO=8 Routing Delay
1.8
3.7
4.2
5.0
7.0
ns
Logic Module Sequential Timing3, 4
tCO
Flip-Flop Clock-to-Output
2.1
2.0
2.3
2.7
3.7
ns
tGO
Latch Gate-to-Output
3.4
1.9
2.1
2.5
3.4
ns
tSUD
Flip-Flop (Latch) Set-Up Time
0.4
0.5
0.6
0.7
0.9
ns
tHD
Flip-Flop (Latch) Hold Time
0.0
0.0
0.0
0.0
0.0
ns
tRO
Flip-Flop (Latch) Reset-to-Output
2.0
2.2
2.5
2.9
4.1
ns
tSUENA
Flip-Flop (Latch) Enable Set-Up
0.6
0.6
0.7
0.8
1.2
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
0.0
0.0
0.0
ns
tWCLKA
Flip-Flop (Latch) Clock Active
Pulse Width
4.6
5.2
5.8
6.9
9.6
ns
tWASYN
Flip-Flop (Latch) Asynchronous
Pulse Width
6.1
6.8
7.7
9.0
12.6
ns
Input Module Propagation Delays
tINPY
Input Data Pad-to-Y
1.4
1.6
1.8
2.2
3.0
ns
tINGO
Input Latch Gate-to-
Output
1.8
1.9
2.2
2.6
3.6
ns
tINH
Input Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input Latch Set-Up
0.7
0.7
0.8
1.0
1.4
ns
tILA
Latch Active Pulse Width
6.5
7.3
8.2
9.7
13.5
ns
Notes:
1. For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating
device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules can be
obtained from the Timer utility.
4. Set-up and hold timing parameters for the Input Buffer Latch are defined with respect to the PAD and the D input. External setup/
hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an external PAD signal to
the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.


Similar Part No. - A42MX09-2TQ100A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX09-2TQ100A MICROSEMI-A42MX09-2TQ100A Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-2TQ100A MICROSEMI-A42MX09-2TQ100A Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX09-2TQ100A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com