Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A9701 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT8A9701
Description  7-Function Remote Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A9701 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT8A9701 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A9701 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
PT8A9701/973/973L
7-Function Remote Controller
PT0089(09/02)
Ver:2
6
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
o
N
n
i
Po
N
n
i
P
o
N
n
i
P
o
N
n
i
Po
N
n
i
Pe
m
a
N
d
a
P
/
n
i
Pe
m
a
N
d
a
P
/
n
i
P
e
m
a
N
d
a
P
/
n
i
P
e
m
a
N
d
a
P
/
n
i
Pe
m
a
N
d
a
P
/
n
i
Pe
p
y
Te
p
y
T
e
p
y
T
e
p
y
Te
p
y
Tn
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
7
1
,
11
O
V
,
2
O
VO
2
d
n
a
1
s
r
e
i
f
i
l
p
m
a
f
o
s
n
i
p
t
u
p
t
u
O
2D
N
GD
N
Gd
n
u
o
r
G
3I
SI
l
a
n
g
i
s
d
e
d
o
c
n
e
r
o
f
n
i
p
t
u
p
n
I
4I
C
S
OI
n
i
p
t
u
p
n
i
r
o
t
a
l
l
i
c
s
O
5O
C
S
OO
n
i
p
t
u
p
t
u
o
r
o
t
a
l
l
i
c
s
O
61
FO
n
i
p
t
u
p
t
u
o
n
o
i
t
c
n
u
f
1
F
7t
h
g
i
RO
n
i
p
t
u
p
t
u
o
d
r
a
w
t
h
g
i
R
82
FO
n
i
p
t
u
p
t
u
o
n
o
i
t
c
n
u
f
2
F
9t
f
e
LO
n
i
p
t
u
p
t
u
o
d
r
a
w
t
f
e
L
0
11
T
VI
V
5
9
0
.
0
r
e
v
o
s
i
n
i
p
1
T
V
n
o
e
g
a
t
l
o
v
f
I
:
n
i
p
t
u
p
n
i
f
f
o
-
t
u
h
s
o
t
u
A
C
C
s
t
u
p
t
u
o
l
l
a
,
c
e
s
3
r
o
f
.
y
l
l
a
c
i
t
a
m
o
t
u
a
f
f
o
t
u
h
s
e
b
l
l
i
w
1
1D
T
R
LI
n
i
p
e
l
b
a
s
i
d
o
b
r
u
t
t
h
g
i
R
/
t
f
e
L
2
1d
r
a
w
k
c
a
BO
n
i
p
t
u
p
t
u
o
d
r
a
w
k
c
a
B
3
1d
r
a
w
r
o
FO
n
i
p
t
u
p
t
u
o
d
r
a
w
r
o
F
4
1o
b
r
u
TO
n
i
p
t
u
p
t
u
o
o
b
r
u
T
5
1V
C
C
Py
l
p
p
u
s
r
e
w
o
P
8
1
,
6
12
I
V
,
1
I
VI
2
d
n
a
1
s
r
e
i
f
i
l
p
m
a
f
o
s
n
i
p
t
u
p
n
I
Table 2. Pin/Pad Description of PT8A973/973L
LRTD Function
s
u
t
a
t
S
D
T
R
Ls
u
t
a
t
S
D
T
R
L
s
u
t
a
t
S
D
T
R
L
s
u
t
a
t
S
D
T
R
Ls
u
t
a
t
S
D
T
R
Ld
e
t
c
e
l
e
S
y
e
Kd
e
t
c
e
l
e
S
y
e
K
d
e
t
c
e
l
e
S
y
e
K
d
e
t
c
e
l
e
S
y
e
Kd
e
t
c
e
l
e
S
y
e
Kn
o
i
t
c
n
u
F
t
u
p
t
u
On
o
i
t
c
n
u
F
t
u
p
t
u
O
n
o
i
t
c
n
u
F
t
u
p
t
u
O
n
o
i
t
c
n
u
F
t
u
p
t
u
On
o
i
t
c
n
u
F
t
u
p
t
u
O
)
n
e
p
O
(
h
g
i
Ho
b
r
u
T
+
)
t
h
g
i
R
(
t
f
e
L
+
d
r
a
w
r
o
Fo
b
r
u
T
+
)
t
h
g
i
R
(
t
f
e
L
+
d
r
a
w
r
o
F
w
o
Lo
b
r
u
T
+
)
t
h
g
i
R
(
t
f
e
L
+
d
r
a
w
r
o
F)
t
h
g
i
R
(
t
f
e
L
+
d
r
a
w
r
o
F


Similar Part No. - PT8A9701

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A9701P PERICOM-PT8A9701P Datasheet
70Kb / 12P
   8-Function Remote Controller
More results

Similar Description - PT8A9701

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A977P PERICOM-PT8A977P Datasheet
97Kb / 12P
   5-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
AAEON Technology
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
   Supports Remote Display Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com