Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKF16B-230-01 Datasheet(PDF) 7 Page - Semikron International

Part # SKF16B-230-01
Description  Radial Fans
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKF16B-230-01 Datasheet(HTML) 7 Page - Semikron International

  SKF16B-230-01 Datasheet HTML 1Page - Semikron International SKF16B-230-01 Datasheet HTML 2Page - Semikron International SKF16B-230-01 Datasheet HTML 3Page - Semikron International SKF16B-230-01 Datasheet HTML 4Page - Semikron International SKF16B-230-01 Datasheet HTML 5Page - Semikron International SKF16B-230-01 Datasheet HTML 6Page - Semikron International SKF16B-230-01 Datasheet HTML 7Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Crossflow Fans
1998
Crossflow Fans
15-03-2004 © by SEMIKRON
Features
• For very high air flow
• Very large air section
• Uniform and homogeneous
air flow
• External rotor allows for high circulating
air temperature (70 °C)
• Extraction fan
• Integrated capacitor (when needed)
Fig. 1 Characteristic pressure drop vs. air flow crossflow
QK 08A, QK 10A
Types
Ident No.
f
Hz
V1
V
Max
volume
m3/h
P
W
Tamb
max
°C
Weight
kg
Noise
dB
QK 08A-2EM-35-CF
VE001500
50 / 60
230
800 / 815
180 / 220
40
4
71 / 72
QK 10A-2DM-38-FK
VE001600
50
3x230
1360
450 / 610
40
7,5
81,7
QK 10A-2DM-48-FK
VE001700
50 / 60
3x230
1880 / 2065
670 / 860
40
10
83 / 87
QK 10A-2DM-68-FK
VE001800
50 / 60
3x230
2600 / 2510
870 / 980
40
10
83 / 84
Dimensions in mm
L1
L2
L3
L4
QK 08A-2EM-35-CF
290
160
82
130
QK 10A-2DM-38-FK
420
200
128
175
QK 10A-2DM-48-FK
520
200
128
175
QK 10A-2DM-68-FK
720
200
128
175


Similar Part No. - SKF16B-230-01

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SKF-FF4 EATON-SKF-FF4 Datasheet
300Kb / 23P
   Control Relays and Timers EASY Intelligent Relays
August 2011
SKF-FF6 EATON-SKF-FF6 Datasheet
300Kb / 23P
   Control Relays and Timers EASY Intelligent Relays
August 2011
SKF-HA EATON-SKF-HA Datasheet
300Kb / 23P
   Control Relays and Timers EASY Intelligent Relays
August 2011
logo
Pulse A Technitrol Comp...
SKF5G62311DM PULSE-SKF5G62311DM Datasheet
2Mb / 14P
   Sharkfin / Vehicular 5G-FR1WiFi-6EGNSS L1L2 Direct Mount 6-in-1 Antenna
logo
List of Unclassifed Man...
SKFH110 ETC1-SKFH110 Datasheet
316Kb / 6P
   FAST THYRISTOR / DIODE MODULES
More results

Similar Description - SKF16B-230-01

ManufacturerPart #DatasheetDescription
logo
ETRI
86ME0162C13 ETRI-86ME0162C13 Datasheet
184Kb / 1P
   400Hz Fans
139BM0460005 ETRI-139BM0460005 Datasheet
171Kb / 1P
   400Hz Fans
98XE0162001 ETRI-98XE0162001 Datasheet
168Kb / 1P
   400Hz Fans
99XV0162001 ETRI-99XV0162001 Datasheet
161Kb / 1P
   400Hz Fans
149ZG0562005 ETRI-149ZG0562005 Datasheet
158Kb / 1P
   400Hz Fans
551CTF0062C13 ETRI-551CTF0062C13 Datasheet
504Kb / 1P
   400Hz Fans
103TY0562C13 ETRI-103TY0562C13 Datasheet
187Kb / 1P
   400Hz Fans
112BC0162C13 ETRI-112BC0162C13 Datasheet
164Kb / 1P
   400Hz Fans
121VY0162001 ETRI-121VY0162001 Datasheet
163Kb / 1P
   400Hz Fans
logo
ebm-papst
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
   EC centrifugal fans
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com