Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHI10 Datasheet(PDF) 7 Page - Semikron International

Part # SKHI10
Description  High Power IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKHI10 Datasheet(HTML) 7 Page - Semikron International

  SKHI10 Datasheet HTML 1Page - Semikron International SKHI10 Datasheet HTML 2Page - Semikron International SKHI10 Datasheet HTML 3Page - Semikron International SKHI10 Datasheet HTML 4Page - Semikron International SKHI10 Datasheet HTML 5Page - Semikron International SKHI10 Datasheet HTML 6Page - Semikron International SKHI10 Datasheet HTML 7Page - Semikron International SKHI10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1944
Driver Electronic – PCB Drivers
22-08-2003
© by SEMIKRON
current sharing without any external auxiliary element.
After all some care must be considered to reach an
optimized circuit and to obtain the total performance of
the IGBT (Fig. 9). The IGBTs must have independent
values of Rgon and Rgoff. An auxiliary emitter resistor Re as
well as an auxiliary collector resistor Rc must also be
used.
The external resistors Rgonx, Rgoffx, Rex and Rcx should be
mounted on an additional circuit board near the paralleled
modules, and the Rgon/Rgoff on the driver should be
changed to zero ohms.
The Rex assumes a value of 0,5Ω and its function is to
compensate the wiring resistance in the auxiliary emitters
what could make the emitter voltage against ground
unbalanced.
The Rcx assumes a value of 47 Ω and its function is to
create an average value of VCEsat in case of short circuit
for VCE monitoring.
The Mechanical assembly of the power circuit must be
symmetrical and low inductive.
The maximum recommended gate charge is 9,6
µC.
See als Fig.14.
Fig. 9 Preferred circuit for paralleled IGBT’s
Fig. 10 Input and output voltage propagation time
Fig. 11 Output voltage (VGE) and output current (IG)
Fig. 12 Short-circuit and ERROR propagation time
worst-case (Vin with SC already present)


Similar Part No. - SKHI10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKHI10 SEMIKRON-SKHI10 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10-17 SEMIKRON-SKHI10-17 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10/12 SEMIKRON-SKHI10/12 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10/12 SEMIKRON-SKHI10/12 Datasheet
74Kb / 1P
   High Power IGBT Driver
More results

Similar Description - SKHI10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKHI10-17 SEMIKRON-SKHI10-17 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_06 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_05 Datasheet
74Kb / 1P
   High Power IGBT Driver
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127_11 Datasheet
1Mb / 12P
   High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
   Power MOSFET & IGBT Driver
logo
International Rectifier
IR2105 IRF-IR2105 Datasheet
134Kb / 12P
   High Voltage, High Speed Power MOSFET and IGBT Driver
logo
Powerex Power Semicondu...
BG1A POWEREX-BG1A Datasheet
942Kb / 1P
   Universal High Power IGBT Module Gate Driver Board
logo
Semikron International
SKHI23 SEMIKRON-SKHI23 Datasheet
2Mb / 11P
   Medium Power Double IGBT Driver
SKHI23-17 SEMIKRON-SKHI23-17 Datasheet
89Kb / 1P
   Medium Power Double IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com