Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5120-D11 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-D11
Description  High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-D11 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDS-5120-D11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5120-D11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5120-D11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5120-D11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5120-D11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-D11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-D11 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range, typical at 25
°C.
Parameter
Symbol
Min.
Typical
Max.
Units
Notes
Supply Current
I
CC
17
40
mA
High Level Output Voltage
V
OH
2.4
Volts
I
OH = -40 µA max.
Low Level Output Voltage
V
OL
0.4
Volts
I
OL = 3.2 mA
Rise Time
t
r
200
ns
C
L = 25 pF
Fall Time
t
f
50
ns
R
L = 11 kΩ pull-up
Recommended Codewheel Characteristics
Figure 1. Codestrip Design.
Codewheel Options
Optical
HEDS
CPR
Radius
Series
(N)
Option
mm (in.)
5120
96
K
11.00 (0.433)
5120
100
C
11.00 (0.433)
5120
192
D
11.00 (0.433)
5120
200
E
11.00 (0.433)
5120
256
F
11.00 (0.433)
5120
360
G
11.00 (0.433)
5120
400
H
11.00 (0.433)
5120
500
A
11.00 (0.433)
5120
512
I
11.00 (0.433)
6100
500
A
23.36 (0.920)
6100
1000
B
23.36 (0.920)
Parameter
Symbol
Minimum
Maximum
Units
Notes
Window/Bar Ratio
φ
wb
0.7
1.4
Window Length
L
1.8 (0.07)
2.3 (0.09)
mm (inch)
Absolute Maximum
R
C
R
OP + 1.9 (0.075)
mm (inch)
Includes eccentricity
Codewheel Radius
errors


Similar Part No. - HEDS-5120-D11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-D05 HP-HEDS-5120-D05 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
HEDS-5120-D05 HP-HEDS-5120-D05 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-D11

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com